công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD746 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD746
Giải thích chi tiết về linh kiện  Dual Precision, 500 ns Settling, BiFET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD746 bảng dữ liệu(HTML) 6 Page - Analog Devices

  AD746 Datasheet HTML 1Page - Analog Devices AD746 Datasheet HTML 2Page - Analog Devices AD746 Datasheet HTML 3Page - Analog Devices AD746 Datasheet HTML 4Page - Analog Devices AD746 Datasheet HTML 5Page - Analog Devices AD746 Datasheet HTML 6Page - Analog Devices AD746 Datasheet HTML 7Page - Analog Devices AD746 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD746
–6–
REV. B
POWER SUPPLY BYPASSING
The power supply connections to the AD746 must maintain a
low impedance to ground over a bandwidth of 13 MHz or more.
This is especially important when driving a significant resistive
or capacitive load, since all current delivered to the load comes
from the power supplies. Multiple high quality bypass capacitors
are recommended for each power supply line in any critical
application. A 0.1
µF ceramic and a 1 µF tantalum capacitor as
shown in Figure 20 placed as close as possible to the amplifier
(with short lead lengths to power supply common) will assure
adequate high frequency bypassing, in most applications. A
minimum bypass capacitance of 0.1
µF should be used for any
application.
If only one of the two amplifiers inside the AD746 is to be
utilized, the unused amplifier should be connected as shown in
Figure 21a. Note that the noninverting input should be
grounded and that RL and CL are not required.
Figure 19. THD Test Circuit
Figure 22a. Unity Gain Inverter
Figure 21a. Gain of 2 Follower
Figure 21b. Gain of 2 Follower
Large Signal Pulse Response
Figure 21c. Gain of 2 Follower
Small Signal Pulse Response
Figure 22b. Unity Gain Inverter
Large Signal Pulse Response
Figure 22c. Unity Gain Inverter
Small Signal Pulse Response
Figure 20. Power Supply
Bypassing



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com