công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD744 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD744
Giải thích chi tiết về linh kiện  Precision, 500 ns Settling BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD744 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD744 Datasheet HTML 4Page - Analog Devices AD744 Datasheet HTML 5Page - Analog Devices AD744 Datasheet HTML 6Page - Analog Devices AD744 Datasheet HTML 7Page - Analog Devices AD744 Datasheet HTML 8Page - Analog Devices AD744 Datasheet HTML 9Page - Analog Devices AD744 Datasheet HTML 10Page - Analog Devices AD744 Datasheet HTML 11Page - Analog Devices AD744 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. C
AD744
–8–
EXTERNAL FREQUENCY COMPENSATION
Even though the AD744 is useable without compensation in
most applications, it may be externally compensated for even
more flexibility. This is accomplished by connecting a capacitor
between Pins 5 and 8. Figure 28, a simplified schematic of the
AD744, shows where this capacitor is connected. This feature is
useful because it allows the AD744 to be used as a unity gain
voltage follower. It also enables the amplifier to drive capacitive
loads up to 2000 pF and greater.
5pF
+IN
300
–IN
NULL /
COMPENSATION
NULL /
DECOMPENSATION
300
COMPENSATION
2mA
400 A
+VS
OUTPUT
–VS
1k
1k
8k
Figure 28. AD744 Simplified Schematic
The slew rate and gain bandwidth product of the AD744 are in-
versely proportional to the value of the compensation capacitor,
CCOMP. Therefore, when trying to maximize the speed of the
amplifier, the value of CCOMP should be minimized. CCOMP can
also be used to slow the amplifier to a point where the slew rate
is perfectly symmetrical and well controlled. Figure 29 sum-
marizes the effect of external compensation on slew rate and
bandwidth.
CCOMP – pF
2
0
20
0.02
0.2
10
100
1000
10
100
0.1
1.0
Figure 29. Gain Bandwidth and Slew Rate vs. CCOMP
The following section provides tables to show what CCOMP values
will provide the necessary compensation for given circuit configurations
and capacitive loads. In each case, the recommended CCOMP is a
minimum value. A larger CCOMP can always be used, but slew rate
and bandwidth performance will be degraded.
Figure 30 shows the AD744 configured as a unity gain voltage
follower. In this case, a minimum compensation capacitor of
5 pF is necessary for stable operation. Larger compensation ca-
pacitors can be used for driving larger capacitive loads. Table I
outlines recommended minimum values for CCOMP based on
the desired capacitive load. It also gives the slew rate and band-
width that will be achieved for each case.
AD744
1 F
0.1 F
–VS
CCOMP 5pF
1 F
0.1 F
+VS
VOUT
VIN
Figure 30. AD744 Connected as a Unity Gain
Voltage Follower
Table I. Recommended Values of CCOMP vs.
Various Capacitive Loads
Max
–3 dB
CLOAD
CCOMP
Slew Rate
Bandwidth
Gain
(pF)
(pF)
(V/ s)
(MHz)
1
50
5
37
6.5
1
150
10
25
4.3
1
2000
25
12.5
2.0
Figures 31 and 32 show the AD744 as a voltage follower
with gain and as an inverting amplifier. In these cases, external
compensation is not necessary for stable operation. How-
ever, compensation may be applied to drive capacitive loads
above 50 pF. Table II gives recommended CCOMP values, along
with expected slew rates and bandwidths for a variety of load
conditions and gains for the circuits in Figures 31 and 32.
AD744
1 F
0.1 F
–VS
CCOMP
1 F
0.1 F
+VS
VOUT
VIN
OPTIONAL
R2*
CLEAD*
R1*
*SEE TABLE II
Figure 31. AD744 Connected as a Voltage Follower
Operating at Gains of 2 or Greater



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com