công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APT50GF120B2RG bảng dữ liệu(PDF) 33 Page - Microsemi Corporation

tên linh kiện APT50GF120B2RG
Giải thích chi tiết về linh kiện  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GF120B2RG bảng dữ liệu(HTML) 33 Page - Microsemi Corporation

Back Button APT50GF120B2RG Datasheet HTML 29Page - Microsemi Corporation APT50GF120B2RG Datasheet HTML 30Page - Microsemi Corporation APT50GF120B2RG Datasheet HTML 31Page - Microsemi Corporation APT50GF120B2RG Datasheet HTML 32Page - Microsemi Corporation APT50GF120B2RG Datasheet HTML 33Page - Microsemi Corporation APT50GF120B2RG Datasheet HTML 34Page - Microsemi Corporation APT50GF120B2RG Datasheet HTML 35Page - Microsemi Corporation APT50GF120B2RG Datasheet HTML 36Page - Microsemi Corporation APT50GF120B2RG Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
33
NEW!
NEW!
NEW!
All Power Modules RoHS Compliant
SOT-227
SP1
Operating Frequency vs Drain Current
0
100
200
300
400
10
20
30
40
50
60
Drain Current (A)
Diode Power Modules with SiC Diodes
IGBT Power Modules with SiC Diodes
SiC diode
Si diode
Silicone Carbide (SiC) Schottky Diodes offer superior
dynamic and thermal performance over conventional
Silicon power diodes. The main advantages of the SiC
Schottky Diodes are:
reduced switch and diode switching losses
high temperature performance
parallel operation
at higher temperatures
Extremely fast switching of
SiC Schottky diode enables
designs with:
Smaller EMI Filter
Smaller Magnetic Components
Smaller Heat-Sink
Smaller Switches, Eliminate Snubbers
Fewer / Smaller Components
Applications:
V
RRM
(V)
DIODE Type
IF (A)
T
C=100º C
VF (V)
T
J=25º C
Package
Anti-Parallel
Parallel
600
SiC
20
1.6
SOT-227
APT2X20DC60J
APT2X21DC60J
30
1.6
SOT-227
APT2X30DC60J
APT2X31DC60J
40
1.6
SOT-227
APT2X40DC60J
APT2X41DC60J
50
1.6
SOT-227
APT2X50DC60J
APT2X51DC60J
60
1.6
SOT-227
APT2X60DC60J
APT2X61DC60J
90
1.6
SP1
-
APTDC902U601G
1200
SiC
20
1.6
SOT-227
APT2X20DC120J
APT2X21DC120J
30
1.6
SOT-227
APT2X30DC120J
APT2X31DC120J
40
1.6
SOT-227
APT2X40DC120J
APT2X41DC120J
50
1.6
SOT-227
APT2X50DC120J
APT2X51DC120J
60
1.6
SOT-227
APT2X60DC120J
APT2X61DC120J
DUAL DIODE
V
RRM
(V)
DIODE Type
IF (A)
T
C=100º C
VF (V)
T
J=25º C
Package
Part Number
600
SiC
6
1.6
SOT-227
APT06DC60HJ
10
1.6
SP1
APTDC10H601G
20
1.6
SP1
APTDC20H601G
40
1.6
SP1
APTDC40H601G
40
1.6
SOT-227
APT40DC60HJ
1200
SiC
10
1.6
SOT-227
APT10DC120HJ
20
1.6
SP1
APTDC20H1201G
20
1.6
SOT-227
APT20DC120HJ
40
1.6
SP1
APTDC40H1201G
40
1.6
SOT-227
APT40DC120HJ
FULL BRIDGE
V
RRM
(V)
IGBT Type
IC (A)
T
C=80º C
V
CE (on)(V)
at rated Ic
Package
NTC
Part Number
600
NPT
50
2.1
SOT-227
-
APT50GF60JCU2
90
2.1
SP1
YES
APTGF90DA60CT1G
1200
NPT
15
3.2
SOT-227
-
APT15GF120JCU2
25
3.2
SOT-227
-
APT25GF120JCU2
50
3.2
SP1
YES
APTGF50DA120CT1G
TRENCH 4 FAST
25
2.05
SOT-227
-
APT25GLQ120JCU2
40
2.05
SOT-227
-
APT40GLQ120JCU2
BOOST CHOPPER
V
RRM
(V)
IGBT Type
IC (A)
T
C=80º C
V
CE (on)(V)
at rated Ic
Package
NTC
Part Number
1200
TRENCH 4 FAST
40
2.05
SP3F
YES
APTGLQ40DDA120CT3G
DUAL CHOPPER
Power Modules with SiC Schottky Diodes
SP3F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44