| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APT15GT120BRG bảng dữ liệu(PDF) 26 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT15GT120BRG bảng dữ liệu(HTML) 26 Page - Microsemi Corporation |
|
26 / 44 page ![]() 26 SP4 SP6 D4 IGBT Power Modules V CES (V) IGBT Type I C (A) T C=80º C V CE (on)(V) at rated Ic Package NTC Part Number 600 NPT FAST 360 2.1 D4 - APTGF360U60D4G 500 2.1 D4 - APTGF500U60D4G 660 2.1 D4 - APTGF660U60D4G TRENCH 3 750 1.5 D4 - APTGT750U60D4G 1200 NPT FAST 530 3.2 D4 - APTGF530U120D4G TRENCH 3 400 1.7 D4 - APTGT400U120D4G 600 1.7 D4 - APTGT600U120D4G TRENCH 4 475 1.85 D4 - APTGL475U120D4G 700 1.85 D4 - APTGL700U120D4G 1700 TRENCH 3 400 2.0 D4 - APTGT400U170D4G 600 2.0 D4 - APTGT600U170D4G SINGLE SWITCH V CES (V) IGBT Type I C (A) T C=80º C V CE (on)(V) at rated Ic Package NTC Part Number 1200 NPT FAST 200 3.2 SP6 - APTGF200U120DG 300 3.2 SP6 - APTGF300U120DG TRENCH 4 475 1.85 SP6 - APTGL475U120DAG SINGLE SWITCH + SERIES DIODE V CES (V) IGBT Type I C (A) T C=80º C V CE (on)(V) at rated Ic Package NTC Part Number 600 NPT FAST 90 2.1 SP4 YES APTGF90DU60TG 180 2.1 SP4 YES APTGF180DU60TG 350 2.1 SP6 - APTGF350DU60G TRENCH 3 100 1.5 SP4 YES APTGT100DU60TG 200 1.5 SP4 YES APTGT200DU60TG 300 1.4 SP6 - APTGT300DU60G 600 1.4 SP6 - APTGT600DU60G 1200 NPT FAST 100 3.2 SP4 YES APTGF100DU120TG 150 3.2 SP4 YES APTGF150DU120TG 300 3.2 SP6 - APTGF300DU120G TRENCH 3 50 1.7 SP4 YES APTGT50DU120TG 75 1.7 SP4 YES APTGT75DU120TG 100 1.7 SP4 YES APTGT100DU120TG 150 1.7 SP6 - APTGT150DU120G 150 1.7 SP4 YES APTGT150DU120TG 200 1.7 SP6 - APTGT200DU120G 300 1.7 SP6 - APTGT300DU120G 400 1.7 SP6 - APTGT400DU120G 1700 TRENCH 3 100 2.0 SP4 YES APTGT100DU170TG 225 2.0 SP6 - APTGT225DU170G 300 2.0 SP6 - APTGT300DU170G DUAL COMMON SOURCE V CES (V) IGBT Type I C (A) T C=80º C V CE (on)(V) at rated Ic Package NTC Part Number 600 NPT FAST 350 2.1 LP8 - APTLGF350A608G TRENCH 3 400 1.5 LP8 - APTLGT400A608G 1200 NPT FAST 300 3.2 LP8 - APTLGF300A1208G TRENCH 3 300 1.7 LP8 - APTLGT300A1208G TRENCH 4 325 1.8 LP8 - APTLGL325A1208G PHASE LEG Intelligent Power Modules LP8 SP6 SP4 |