công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B06B-PASK bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện B06B-PASK
Giải thích chi tiết về linh kiện  PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

B06B-PASK bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button B06B-PASK Datasheet HTML 5Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 6Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 7Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 8Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 9Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 10Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 11Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 12Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
69
PA FAMILY SERIES /PA CONNECTOR (Crimp style Retainer mountable type)
Contact –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
8.4(.331)
2.85(.112)
1.3
(.051)
Model No.
Applicable wire
Insulation O.D. mm(in.)
Material and Finish
Q'ty /
reel
Phosphor bronze, tin-plated
SPA-001T-P0.5
0.13 to 0.33
26 to 22
0.9 to 1.5(.035 to .059)
10,000
mm2
AWG #
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
A
B
7.2(.283)
Circuit No.1
A
B
2.0(.079)
Circuit No.1
7.2(.283)
A
B
7.2(.283)
Circuit No.1
A
B
2.0(.079)
2.0(.079)
7.2(.283)
Circuit No.1
A
B
2.0(.079)
7.2(.283)
Circuit No.1
B
A
2.0(.079)
Circuit No.1
7.2(.283)
Q'ty /
bag
Circuits
Model No.
Material
Nylon 66, UL94V-0, natural (white)
AB
Dimensions mm(in.)
2
3
4
5
6
7
8
9
10
15
PARP-02V
PARP-03V
PARP-04V
PARP-05V
PARP-06V
PARP-07V
PARP-08V
PARP-09V
PARP-10V
PARP-15V
2.0( .079)
4.0( .157)
6.0( .236)
8.0( .315)
10.0( .394)
12.0( .472)
14.0( .551)
16.0( .630)
18.0( .709)
28.0(1.102)
5.4( .213)
7.4( .291)
9.4( .370)
11.4( .449)
14.0( .551)
16.0( .630)
18.0( .709)
20.0( .787)
22.0( .866)
32.0(1.260)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
(2
circuits)
(4
circuits)
(3
circuits)
(5
circuits)
(6 to 9
circuits)
(10, 15
circuits)
Note: PARP-15V is not CSA approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PARP-02V-oo-
(blank)…natural (white)
R…red E…blue Y…yellow M…green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com