| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX2000 bảng dữ liệu(PDF) 151 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000 bảng dữ liệu(HTML) 151 Page - Microsemi Corporation |
|
151 / 262 page ![]() Axcelerator Family FPGAs Re vi s i on 18 3 - 25 NC A19 NC A4 NC A5 NC AA11 NC AA12 NC AA18 NC AA19 NC AA4 NC AB16 NC AB17 NC AB4 NC AB7 NC AB8 NC B11 NC B12 NC B17 NC B18 NC B19 NC B4 NC B5 NC C10 NC C11 NC C14 NC C15 NC C18 NC C19 NC D1 NC D2 NC D21 NC D3 NC E1 NC E2 NC E21 NC E3 NC F22 NC F3 FG484 AX250 Function Pin Number NC G22 NC G3 NC H3 NC J3 NC K21 NC K22 NC N22 NC P22 NC R19 NC R22 NC T1 NC T22 NC U1 NC U2 NC U21 NC U22 NC V1 NC V2 NC V21 NC V22 NC V3 NC W1 NC W2 NC W21 NC W22 NC W3 NC Y10 NC Y11 NC Y12 NC Y13 NC Y15 NC Y16 NC Y17 NC Y18 NC Y8 NC Y9 FG484 AX250 Function Pin Number PRA G11 PRB F11 PRC T12 PRD U12 TCK G8 TDI F9 TDO F7 TMS F6 TRST F8 VCCA G17 VCCA J10 VCCA J11 VCCA J12 VCCA J13 VCCA J7 VCCA K14 VCCA K9 VCCA L14 VCCA L9 VCCA M14 VCCA M9 VCCA N14 VCCA N9 VCCA P10 VCCA P11 VCCA P12 VCCA P13 VCCA T6 VCCA U17 VCCPLA F10 VCCPLB G9 VCCPLC D13 VCCPLD G13 VCCPLE U13 VCCPLF T14 VCCPLG W10 FG484 AX250 Function Pin Number |