| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX125 bảng dữ liệu(PDF) 8 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX125 bảng dữ liệu(HTML) 8 Page - Microsemi Corporation |
|
8 / 262 page ![]() General Description 1- 2 R ev isio n 1 8 Logic Modules Microsemi's Axcelerator family provides two types of logic modules: the register cell (R-cell) and the combinatorial cell (C-cell). The Axcelerator device can implement more than 4,000 combinatorial functions of up to five inputs (Figure 1-3). The R-cell contains a flip-flop featuring asynchronous clear, asynchronous preset, and active-low enable control signals (Figure 1-3). The R-cell registers feature programmable clock polarity selectable on a register-by-register basis. This provides additional flexibility (e.g., easy mapping of dual-data-rate functions into the FPGA) while conserving valuable clock resources. The clock source for the R-cell can be chosen from the hardwired clocks, routed clocks, or internal logic. Figure 1-2 • Axcelerator Family Interconnect Elements Figure 1-3 • AX C-Cell and R-Cell C-cell A[1:0] B[1:0] D[3:0] DB CFN FCO FCI Y PSET CLR D E CLK Q (Positive Edge Triggered) C-Cell R-Cell |