| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APT5014BLLG bảng dữ liệu(PDF) 33 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT5014BLLG bảng dữ liệu(HTML) 33 Page - Microsemi Corporation |
|
33 / 44 page ![]() 33 NEW! NEW! NEW! All Power Modules RoHS Compliant SOT-227 SP1 Operating Frequency vs Drain Current 0 100 200 300 400 10 20 30 40 50 60 Drain Current (A) Diode Power Modules with SiC Diodes IGBT Power Modules with SiC Diodes SiC diode Si diode Silicone Carbide (SiC) Schottky Diodes offer superior dynamic and thermal performance over conventional Silicon power diodes. The main advantages of the SiC Schottky Diodes are: reduced switch and diode switching losses high temperature performance parallel operation at higher temperatures Extremely fast switching of SiC Schottky diode enables designs with: Smaller EMI Filter Smaller Magnetic Components Smaller Heat-Sink Smaller Switches, Eliminate Snubbers Fewer / Smaller Components Applications: V RRM (V) DIODE Type IF (A) T C=100º C VF (V) T J=25º C Package Anti-Parallel Parallel 600 SiC 20 1.6 SOT-227 APT2X20DC60J APT2X21DC60J 30 1.6 SOT-227 APT2X30DC60J APT2X31DC60J 40 1.6 SOT-227 APT2X40DC60J APT2X41DC60J 50 1.6 SOT-227 APT2X50DC60J APT2X51DC60J 60 1.6 SOT-227 APT2X60DC60J APT2X61DC60J 90 1.6 SP1 - APTDC902U601G 1200 SiC 20 1.6 SOT-227 APT2X20DC120J APT2X21DC120J 30 1.6 SOT-227 APT2X30DC120J APT2X31DC120J 40 1.6 SOT-227 APT2X40DC120J APT2X41DC120J 50 1.6 SOT-227 APT2X50DC120J APT2X51DC120J 60 1.6 SOT-227 APT2X60DC120J APT2X61DC120J DUAL DIODE V RRM (V) DIODE Type IF (A) T C=100º C VF (V) T J=25º C Package Part Number 600 SiC 6 1.6 SOT-227 APT06DC60HJ 10 1.6 SP1 APTDC10H601G 20 1.6 SP1 APTDC20H601G 40 1.6 SP1 APTDC40H601G 40 1.6 SOT-227 APT40DC60HJ 1200 SiC 10 1.6 SOT-227 APT10DC120HJ 20 1.6 SP1 APTDC20H1201G 20 1.6 SOT-227 APT20DC120HJ 40 1.6 SP1 APTDC40H1201G 40 1.6 SOT-227 APT40DC120HJ FULL BRIDGE V RRM (V) IGBT Type IC (A) T C=80º C V CE (on)(V) at rated Ic Package NTC Part Number 600 NPT 50 2.1 SOT-227 - APT50GF60JCU2 90 2.1 SP1 YES APTGF90DA60CT1G 1200 NPT 15 3.2 SOT-227 - APT15GF120JCU2 25 3.2 SOT-227 - APT25GF120JCU2 50 3.2 SP1 YES APTGF50DA120CT1G TRENCH 4 FAST 25 2.05 SOT-227 - APT25GLQ120JCU2 40 2.05 SOT-227 - APT40GLQ120JCU2 BOOST CHOPPER V RRM (V) IGBT Type IC (A) T C=80º C V CE (on)(V) at rated Ic Package NTC Part Number 1200 TRENCH 4 FAST 40 2.05 SP3F YES APTGLQ40DDA120CT3G DUAL CHOPPER Power Modules with SiC Schottky Diodes SP3F |