| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PQ208 bảng dữ liệu(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PQ208 bảng dữ liệu(HTML) 3 Page - Microsemi Corporation |
|
3 / 162 page ![]() ProASIC3E Flash Family FPGAs Revision 13 III ProASIC3E Ordering Information A3PE3000 FG _ Part Number Speed Grade 1 1 = 15% Faster than Standard 2 = 25% Faster than Standard Package Type PQ = Plastic Quad Flat Pack (0.5 mm pitch) FG = Fine Pitch Ball Grid Array (1.0 mm pitch) 896 I Y Package Lead Count Application (Temperature Range) Blank = Commercial (0°C to +70°C Ambient Temperature) I = Industrial (–40°C to +85°C Ambient Temperature) PP = Pre-Production ES = Engineering Sample (Room Temperature Only) 600,000 System Gates A3PE600 = 1,500,000 System Gates A3PE1500 = 3,000,000 System Gates A3PE3000 = 1,500,000 System Gates M1A3PE1500 = 3,000,000 System Gates M1A3PE3000 = G Lead-Free Packaging Blank = Standard Packaging G = RoHS-Compliant (Green) Packaging ProASIC3E Devices ProASIC3E Devices with Cortex-M1 Security Feature Y = Device Includes License to Implement IP Based on the Cryptography Research, Inc. (CRI) Patent Portfolio Blank = Device Does Not Include License to Implement IP Based on the Cryptography Research, Inc. (CRI) Patent Portfolio |