công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 12 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  Terrestrial FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 12 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 8Page - Microsemi Corporation A2F200 Datasheet HTML 9Page - Microsemi Corporation A2F200 Datasheet HTML 10Page - Microsemi Corporation A2F200 Datasheet HTML 11Page - Microsemi Corporation A2F200 Datasheet HTML 12Page - Microsemi Corporation A2F200 Datasheet HTML 13Page - Microsemi Corporation A2F200 Datasheet HTML 14Page - Microsemi Corporation A2F200 Datasheet HTML 15Page - Microsemi Corporation A2F200 Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12 www.microsemi.com/soc
Notes:
1 AES is not available for Cortex-M1 ProASIC3L devices.
2 For the A3PE3000L, the PQ208 package has six CCCs and two PLLs.
ProASIC3L
Balancinglowpower,performanceandlowcost
ProASIC3L FPGAs feature 40 percent lower dynamic power and 90 percent lower static power than the previous generation ProASIC3 FPGAs and orders of
magnitude lower power than SRAM competitors, combining dramatically reduced power consumption with up to 350 MHz operation. The ProASIC3L family also
supports the free implementation of an FPGA-optimized 32-bit ARM Cortex-M1 processor, enabling system designers to select Microsemi’s flash FPGA solution
that best meets their speed and power design requirements, regardless of application or volume. Optimized software tools using power-driven layout (PDL)
provide instant power reduction capabilities.
I/Os Per Package
ProASIC3L Low Power Devices
ProASIC3L Devices
A3P250L
A3P600L
A3P1000L
A3PE3000L
Cortex-M1Devices
M1A3P600L
M1A3P1000L
M1A3PE3000L
System Gates
250,000
600,000
1,000,000
3,000,000
VersaTiles(D-flip-flops)
6,144
13,824
24,576
75,264
RAM(1,024bits)
36
108
144
504
4,608-BitBlocks
8
24
32
112
FlashROMKbits(1,024bits)
1
1
1
1
AES-Protected ISP1
Yes
Yes
Yes
Yes
Integrated PLL in CCCs2
1
1
1
6
VersaNetGlobals
18
18
18
18
I/OBanks
4
4
4
8
Maximum User I/Os
(packaged device
157
235
300
620
Package Pins
VQ
PQ
FG
VQ100
PQ208
FG144, FG256
PQ208
FG144, FG256, FG484
PQ208
FG144, FG256, FG484
PQ208
FG324, FG484, FG896
ProASIC3L Devices
A3P250L
A3P600L
A3P1000L
A3PE3000L
Cortex-M1Devices
M1A3P600L
M1A3P1000L
M1A3PE3000L
I/O Type
Single-
Ended I/O
Differential
I/O Pairs
Single-
Ended I/O
Differential
I/O Pairs
Single-
Ended I/O
Differential
I/O Pairs
Single-
Ended I/O
Differential
I/O Pairs
VQ100
68
13
—
—
—
—
—
—
PQ208
151
34
154
35
154
35
147
65
FG144
97
24
97
25
97
25
—
—
FG256
157
38
177
43
177
44
—
—
FG324
—
—
—
—
—
—
221
110
FG484
—
—
235
60
300
74
341
168
FG896
—
—
—
—
—
—
620
310
• Lowpower1.2Vto1.5V
core operation
• 700MbpsDDR,LVDS
capable I/Os
• Upto350MHz
systemperformance
• EnhancedI/Ofeatures
• EmbeddedSRAMandNVM
• Configurationmemoryerror
immune
• ISPandsecurity
• Flash*Freezetechnology
forlowestpower
• Reprogrammable
flashtechnology
• CCCsandPLLs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com