công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFS600 bảng dữ liệu(PDF) 24 Page - Microsemi Corporation

tên linh kiện AFS600
Giải thích chi tiết về linh kiện  Terrestrial FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 bảng dữ liệu(HTML) 24 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 19Page - Microsemi Corporation AFS600 Datasheet HTML 20Page - Microsemi Corporation AFS600 Datasheet HTML 21Page - Microsemi Corporation AFS600 Datasheet HTML 22Page - Microsemi Corporation AFS600 Datasheet HTML 23Page - Microsemi Corporation AFS600 Datasheet HTML 24Page - Microsemi Corporation AFS600 Datasheet HTML 25Page - Microsemi Corporation AFS600 Datasheet HTML 26Page - Microsemi Corporation AFS600 Datasheet HTML 27Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
25
www.microsemi.com/soc
• Allowsuserstoevaluate
the functionality of Microsemi’s
Core1553BRMwithouthavingto
createacompleteMIL-STD-1553B
compliant system
• FusionAdvancedDevelopmentKit
with two 9 V power supplies
• Core1553daughtercard
• User’sguide,tutorialand
design example
• PCBschematics,layoutfiles
andBOM
• Purchasingthekitgivestheowner
therighttotheprogrammingfile
of the demo, but not an evaluation
of the IP. The IP evaluation or
purchase is quoted separately.
• Boardfeatures
- MIL-STD-1553B transceiver, two
transformers and two concentric
twinax connectors included on
the Core1553 daughter board
~ MIL-STD-1553B concentric
twinax connectors are center
pin signal high and cylindrical
contact signal low
~ Connectivity is
MIL-C-49142 compliant
~ Evaluate and develop
medium speed on-board data
communications bus solutions
for MIL-STD-1553B /
UK DEF-STAN 00-18 (Pt.2) /
NATO STANAG 3838 AVS /
Avionic Standards Coordinating
Committee Air-Std 50/2
- CAN bus interface support
- Connector to ARINC 429
Daughter Board (CORE429-SA)
Fusion Advanced Development Kit
Core1553-SA
Core1553 Development Kit
Hardware Summary
Ordering Code
Description
Price
CORE1553-DEV-KIT
Core1553 Development Kit
$ 3,620
CORE1553-SA
Core1553 daughter card
$ 2,900
M1AFS-ADV-DEV-KIT-PWR
M1AFS-ADV-DEV-KIT with two 9 V power packs
$ 750
Family
Ordering Code
Name
Device
Price
Power
SmartFusion
A2F-EVAL-KIT*
SmartFusion Evaluation Kit
A2F200M3F-FGG484
$ 99
USB
SmartFusion
A2F500-DEV-KIT
SmartFusion Development Kit
A2F500M3G-FGG484
$ 999
5 V
SmartFusion
MPM-DC-KIT
MPM Daughter Card
none
$ 299
9 V
SmartFusion
MIXED-SIGNAL-DC
Mixed Signal Daughter Card
none
$ 55
N/A
Fusion
M1AFS-EMBEDDED-KIT*
Fusion Embedded Development Kit
M1AFS1500-FGG484
$ 250
USB / 5 V
Fusion
AFS-EVAL-KIT
Fusion Starter Kit
AFS600-FG256
$ 500
9 V
Fusion
M1AFS-ADV-DEV-KIT-PWR
Fusion Advanced Development Kit
M1AFS1500-FGG484
$ 750
9 V
IGLOO
AGLN-NANO-KIT*
IGLOO nano Starter Kit
AGLN250V2-ZVQG100
$ 99
USB
IGLOO
AGL-ICICLE-KIT
IGLOO Icicle Evaluation Kit
AGL125V2-QNG132
$ 150
USB
IGLOO
AGLP-EVAL-KIT
IGLOO PLUS Starter Kit
AGLP125V2-CSG289
$ 299
5 V
IGLOO
M1AGL1000-DEV-KIT
ARM Cortex-M1 IGLOO Development Kit
M1AGL1000V2-FGG484
$ 550
5 V
ProASIC3
A3PE-PROTO-KIT*
ProASIC3 Starter Kit
A3PE1500-PQ208
$ 665
9 V
ProASIC3
M1A3PL-DEV-KIT
ARM Cortex-M1 ProASIC3L Development Kit
M1A3P1000L-FGG484
$ 550
5 V
*Most recommended Kit for each product family
Microsemi offers hardware choices for terrestrial products. Most popular kits are listed in the table and shown in further detail in this section. Full details of these
kits can also be found online with user’s guides and accompanying tutorials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com