công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F060 bảng dữ liệu(PDF) 81 Page - Microsemi Corporation

tên linh kiện A2F060
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F060 bảng dữ liệu(HTML) 81 Page - Microsemi Corporation

Back Button A2F060 Datasheet HTML 77Page - Microsemi Corporation A2F060 Datasheet HTML 78Page - Microsemi Corporation A2F060 Datasheet HTML 79Page - Microsemi Corporation A2F060 Datasheet HTML 80Page - Microsemi Corporation A2F060 Datasheet HTML 81Page - Microsemi Corporation A2F060 Datasheet HTML 82Page - Microsemi Corporation A2F060 Datasheet HTML 83Page - Microsemi Corporation A2F060 Datasheet HTML 84Page - Microsemi Corporation A2F060 Datasheet HTML 85Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
2-69
Timing Characteristics
Table 2-87 • RAM4K9
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tAS
Address setup time
0.25
0.30
ns
tAH
Address hold time
0.00
0.00
ns
tENS
REN, WEN setup time
0.15
0.17
ns
tENH
REN, WEN hold time
0.10
0.12
ns
tBKS
BLK setup time
0.24
0.28
ns
tBKH
BLK hold time
0.02
0.02
ns
tDS
Input data (DIN) setup time
0.19
0.22
ns
tDH
Input data (DIN) hold time
0.00
0.00
ns
tCKQ1
Clock High to new data valid on DOUT (output retained, WMODE = 0)
1.81
2.18
ns
Clock High to new data valid on DOUT (flow-through, WMODE = 1)
2.39
2.87
ns
tCKQ2
Clock High to new data valid on DOUT (pipelined)
0.91
1.09
ns
tC2CWWH1
Address collision clk-to-clk delay for reliable write after write on same
address—applicable to rising edge
0.23
0.26
ns
tC2CRWH1
Address collision clk-to-clk delay for reliable read access after write on same
address—applicable to opening edge
0.34
0.38
ns
tC2CWRH1
Address collision clk-to-clk delay for reliable write access after read on same
address— applicable to opening edge
0.37
0.42
ns
tRSTBQ
RESET Low to data out Low on DOUT (flow-through)
0.94
1.12
ns
RESET Low to Data Out Low on DOUT (pipelined)
0.94
1.12
ns
tREMRSTB
RESET removal
0.29
0.35
ns
tRECRSTB
RESET recovery
1.52
1.83
ns
tMPWRSTB
RESET minimum pulse width
0.22
0.22
ns
tCYC
Clock cycle time
3.28
3.28
ns
FMAX
Maximum clock frequency
305
305
MHz
Notes:
1. For more information, refer to the Simultaneous Read-Write Operations in Dual-Port SRAM for Flash-Based cSoCs and
FPGAs application note.
2. For the derating values at specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for
derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com