công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B2000T bảng dữ liệu(PDF) 1 Page - Bourns Electronic Solutions

tên linh kiện B2000T
Giải thích chi tiết về linh kiện  Telefuse SMD Power Cross Protection Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

B2000T bảng dữ liệu(HTML) 1 Page - Bourns Electronic Solutions

  B2000T Datasheet HTML 1Page - Bourns Electronic Solutions B2000T Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature Range ........-55 ºC to +125 ºC
Environmental Characteristics
Thermal Shock ......................MIL-STD-202,
Method 107, Test Condition B
(-65 °C to +125 °C)
Shock ..........MIL-STD-202, Method 213,
Test Condition I
(100 Gs peak for 6 milliseconds)
Vibration ........MIL-STD-202, Method 201
(10-55 Hz, 0.06 inch total excursion)
Salt Spray ....MIL-STD-202, Method 101,
Test Condition B (48 hrs.)
Insulation Resistance ........MIL-STD-202,
Method 302, Test Condition A
(after opening)
10,000 ohms minimum
Solderability ..MIL-STD-202, Method 208
Resistance to Solder Heat
..................MIL-STD-202, Method 210,
Test Condition J (235 °C, 30 sec.)
Physical Characteristics
Body Material
..........Ceramic with tin plated brass caps
Solder ............................................Lead free
Solder Reflow Temperature
..............................240 °C for 30 seconds
260 °C for 3 seconds
Packaging ..............2,000 pcs. per 13 ” reel
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify device performance in their specific applications.
Telefuse
™ SMD Power Cross Protection Fuse
Features
■
For use in telecommunication circuit applications requiring low current protection
with high surge tolerance
■
Overcurrent protection to Telcordia GR-1089-CORE Issue 4 (B1250T only)
& UL 1950/60950
■
Bourns
® TISP® products are recommended for the overvoltage section of the circuit
■
Agency recognition:
File: E198545
■
RoHS compliant*
Max. Rise/
Repetitions
Minimum
Minimum Withstand Peak Current (A)
Min. Decay
Peak
(µs)
Total
Each Polarity Voltage (V)
B0500T
B1250T
B2000T
10/1000
50
25
1000
25
100
120
10/360
50
25
1000
30
125
150
2/10
20
10
2500
120
500
600
10/360
10
5
1000
30
125
150
2/10
2
1
5000
120
500
600
8/20
2
1
5000
75
300
350
Lightning Surge Withstand Capabilities
Ampere
Voltage
Typical
Volt-drop
Melting I2T
Melting I2T
Maximum
Model
Rating
Rating
Cold
@ 100 % In
< 10 msec
@ 10 In
Power
Number
(A)
(VRMS)
Resistance
(Volts)
(A2 sec.)
(A2 sec.)
Dissipation
(ohms)
max.
(W)
B0500T
0.500
600
0.350
0.23
2
2.3
0.20
B1250T
1.25
600
0.075
0.18
14
17
0.40
B2000T
2.0
600
0.056
0.16
33
37
0.52
Electrical Characteristics
Asia-Pacific:
TEL +886- (0)2 25624117
FAX +886- (0)2 25624116
Europe:
TEL +41-41 7685555
FAX +41-41 7685510
The Americas:
TEL +1-951 781-5500
FAX +1-951 781-5700
www.bourns.com
Test Methods per GR-1089/TIA-968-A (FCC Pt. 68)
Short
Fuse Characteristics
GR-1089
Circuit
1st Level
Voltage
Current
Test
(VRMS)
(A)
Applications
Duration
B0500T
B1250T
B2000T
1
50
0.33
1
15 min.
2
100
0.17
1
15 min.
3
200,400,
1
60
1 sec.
Parts pass all 1st Level tests
600
4
1000
1
60
1 sec.
6
600
0.5
1
30 sec.
7
440
2.2
5
2 sec.
Will open
8
600
3
5
1.1 sec.
Will open
9
1000
5
5
0.4 sec.
Will open
AC Power Fault Tests
Maximum Time for Fuse to Open (Seconds)
Voltage
Current
(Vac)
(A)
Duration
B0500T
B1250T
B2000T
600
2.2
1.0
900
Will not open
600
2.6
0.8
50
2000
600
3.0
0.5
10
100
600
3.75
0.3
5
10
600
5
0.2
2
3
600
7
Up to 15 Min.
0.08
1
2
600
10
0.04
0.5
0.7
600
12.5
0.01
0.2
0.3
600
20
0.005
0.07
0.1
600
25
0.004
0.04
0.07
600
30
0.003
0.02
0.05
AC Current Limiting Protector Tests/Fusing Coordination Tests


Số phần tương tự - B2000T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
E-SWITCH
B200000 E-SWITCH-B200000 Datasheet
224Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200001 E-SWITCH-B200001 Datasheet
222Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200002 E-SWITCH-B200002 Datasheet
222Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200003 E-SWITCH-B200003 Datasheet
226Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200004 E-SWITCH-B200004 Datasheet
216Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Mô tả tương tự - B2000T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
B0500T ETC1-B0500T Datasheet
454Kb / 2P
Telefuse SMD Power Cross Protection Fuse
logo
Bel Fuse Inc.
SMP500 BEL-SMP500 Datasheet
92Kb / 2P
Surface Mount Power Cross Protection Fuse
SMP2 BEL-SMP2 Datasheet
297Kb / 2P
Surface Mount Power Cross Protection Fuse
RJS100 BEL-RJS100 Datasheet
91Kb / 2P
Telecom - Power Cross Protection & Ballast Protection
SMP BEL-SMP Datasheet
542Kb / 2P
SURFACE MOUNT POWER CROSS PROTECTION FUSE
SMP BEL-SMP_12 Datasheet
476Kb / 4P
Surface Mount Power Cross Protection Fuse
logo
Axiomtek Co., Ltd.
GOT-3106TL-830 AXIOMTEK-GOT-3106TL-830 Datasheet
426Kb / 2P
Over-current power protection-fuse
GOT3106T-832 AXIOMTEK-GOT3106T-832 Datasheet
394Kb / 2P
Over-current power protection-fuse
logo
Bourns Electronic Solut...
SF-3812TM-T BOURNS-SF-3812TM-T Datasheet
500Kb / 9P
SinglFuse Telefuse Telecom Protectors
logo
Shanghai Leiditech Elec...
LM12H1200D LEIDITECH-LM12H1200D Datasheet
387Kb / 5P
SMD FUSE
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com