| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP6902 bảng dữ liệu(PDF) 4 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP6902 bảng dữ liệu(HTML) 4 Page - Monolithic Power Systems |
|
4 / 12 page ![]() MP6902- FAST TURN-OFF INTELLIGENT CONTROLLER MP6902 Rev. 1.13 www.MonolithicPower.com 4 1/11/2013 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2013 MPS. All Rights Reserved. PIN FUNCTIONS Pin # Name Description 1 PGND Power Ground, return for driver switch 2 EN Enable pin, active high 3 LL Light load timing setting. Connect a resistor to set the light load timing. 4 VD FET drain voltage sense 5 VSS Ground, also used as reference for VD 6 VDD Supply Voltage 7 NC No connection 8 VG Gate drive output |