công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP4688 bảng dữ liệu(PDF) 9 Page - Monolithic Power Systems

tên linh kiện MP4688
Giải thích chi tiết về linh kiện  80V Input, 1A High Power LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4688 bảng dữ liệu(HTML) 9 Page - Monolithic Power Systems

Back Button MP4688 Datasheet HTML 3Page - Monolithic Power Systems MP4688 Datasheet HTML 4Page - Monolithic Power Systems MP4688 Datasheet HTML 5Page - Monolithic Power Systems MP4688 Datasheet HTML 6Page - Monolithic Power Systems MP4688 Datasheet HTML 7Page - Monolithic Power Systems MP4688 Datasheet HTML 8Page - Monolithic Power Systems MP4688 Datasheet HTML 9Page - Monolithic Power Systems MP4688 Datasheet HTML 10Page - Monolithic Power Systems MP4688 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP4688 – 80V INPUT, 1A HIGH POWER LED DRIVER
MP4688 Rev. 1.12
www.MonolithicPower.com
9
3/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Where RESR is the equivalent series resistance
(ESR) value of the output capacitor.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the LED driver. In below cases, an
external BST diode is recommended from the
5V to BST pin:
There is a 5V rail available in the system;
VIN is no greater than 5V;
VOUT is between 3.3V and 5V;
This diode is also recommended for high duty
cycle operation (when VOUT/VIN>65%) and very
high frequency (over 1.5MHz) applications.
The bootstrap diode can be a low cost one
such as IN4148 or BAT54.
MP4560
SW
BS
5V
MP4688
Figure 2—External Bootstrap Diode
Layout Consideration
It is essential to place the input decoupling
capacitor, catch diode and the MP4688 (VIN pin,
SW pin and PGND) as close as possible, with
traces that are very short and fairly wide. This
can help to greatly reduce the voltage spike on
SW node, and lower the EMI noise level as well.
Try to run the feedback trace as far from the
inductor and noisy power traces as possible. It
is often a good idea to run the feedback trace
on the side of the PCB opposite of the inductor
with a ground plane separating the two.
To help to improve the thermal conduction, a
grid of thermal vias can be created right under
the exposed pad. It is recommended that they
be small (15mil barrel diameter) so that the hole
is essentially filled up during the plating process,
thus aiding conduction to the other side. Too
large a hole can cause ‘solder wicking’
problems during the reflow soldering process.
The pitch (distance between the centers) of
several such thermal vias in an area is typically
40mil.
Reference design
Street lighting and flat panel lighting are
transiting to more efficient sources of light. LED
light source will become the trend in the near
future. This reference design provides a flexible
solution for street lighting and flat panel lighting
application by utilizing MP4688 featuring high
reliability, high efficiency, and accurate current
regulation.
Specifications
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5 to 75
V
Enable/Dimming
EN/DIM
5
V
LED Current
ILED
730
mA
Over
Current
Protection
OCP
3.2
A
Reference schematic
R1
C1
/100V
/100V
C2
C3
R4
0
D1
NS
R3
8
1 FB
N/C
VIN
BST
SW
DIM
EN
GND
MP4688
2
3
4
7
6
5
LED_
LED+
DIM
EN
VIN
GND
C5
NC
C7
NC
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com