| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP4601EF bảng dữ liệu(PDF) 7 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP4601EF bảng dữ liệu(HTML) 7 Page - Monolithic Power Systems |
|
7 / 16 page ![]() MP4601 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING MP4601 Rev. 1.0 www.MonolithicPower.com 7 1/28/2011 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2011 MPS. All Rights Reserved. PIN FUNCTIONS (continued) Pin # SOIC16 Pin # TSSOP 16-EP Name Description 13 13 DGD LED Dimming Switch Gate Drive Output Pin. 14 14 VSS Negative Voltage Output Pin. This pin is the voltage reference for OVP, FB, COMP, SC, DGD and FST pins. This node should be placed away from switching noise sources. 15 15 SW Switch Output. SW is the source of the internal MOSFET switch. Connect to the power inductor and cathode of the Schottky rectifier. 16 16 BST Bootstrap. A capacitor is connected between SW and BST pins to form a floating supply across the power switch driver. |