| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6043TESL bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6043TESL bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 34 page ![]() MCP6041/2/3/4 DS21669C-page 4 © 2008 Microchip Technology Inc. TEMPERATURE CHARACTERISTICS 1.1 Test Circuits The test circuits used for the DC and AC tests are shown in Figure 1-2 and Figure 1-3. The bypass capacitors are laid out according to the rules discussed in Section 4.6 “Supply Bypass”. FIGURE 1-2: AC and DC Test Circuit for Most Non-Inverting Gain Conditions. FIGURE 1-3: AC and DC Test Circuit for Most Inverting Gain Conditions. Electrical Characteristics: Unless otherwise indicated, V DD = +1.4V to +5.5V, VSS =GND. Parameters Sym Min Typ Max Units Conditions Temperature Ranges Specified Temperature Range TA -40 — +85 °C Industrial Temperature parts TA -40 — +125 °C Extended Temperature parts Operating Temperature Range TA -40 — +125 °C (Note 1) Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances Thermal Resistance, 5L-SOT-23 θ JA — 256 — °C/W Thermal Resistance, 6L-SOT-23 θ JA — 230 — °C/W Thermal Resistance, 8L-PDIP θ JA —85— °C/W Thermal Resistance, 8L-SOIC θ JA — 163 — °C/W Thermal Resistance, 8L-MSOP θ JA — 206 — °C/W Thermal Resistance, 14L-PDIP θ JA —70— °C/W Thermal Resistance, 14L-SOIC θ JA — 120 — °C/W Thermal Resistance, 14L-TSSOP θ JA — 100 — °C/W Note 1: The MCP6041/2/3/4 family of Industrial Temperature op amps operates over this extended range, but with reduced performance. In any case, the internal Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C. VDD MCP604X RG RF RN VOUT VIN VDD/2 1µF CL RL VL 0.1 µF VDD MCP604X RG RF RN VOUT VDD/2 VIN 1µF CL RL VL 0.1 µF |