| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6042ESL bảng dữ liệu(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6042ESL bảng dữ liệu(HTML) 10 Page - Microchip Technology |
|
10 / 34 page ![]() MCP6041/2/3/4 DS21669C-page 10 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, T A = +25°C, VDD = +1.4V to +6.0V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2, VL =VDD/2, RL =1MΩ to VL, and CL =60 pF. FIGURE 2-31: Large Signal Non-inverting Pulse Response. FIGURE 2-32: Chip Select (CS) to Amplifier Output Response Time (MCP6043 only). FIGURE 2-33: Input Current vs. Input Voltage (below VSS). FIGURE 2-34: Large Signal Inverting Pulse Response. FIGURE 2-35: Chip Select (CS) Hysteresis (MCP6043 only). 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 123 45678 9 10 Time (1 ms/div) VDD = 5.0V G = +1 V/V RL = 50 kΩ -20.0 -17.5 -15.0 -12.5 -10.0 -7.5 -5.0 -2.5 0.0 2.5 5.0 7.5 0123 456789 10 Time (1 ms/div) -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VDD = 5.0V VOUT High-Z High-Z Output On CS 1.E-12 1.E-11 1.E-10 1.E-09 1.E-08 1.E-07 1.E-06 1.E-05 1.E-04 1.E-03 1.E-02 -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 Input Voltage (V) +125°C +85°C +25°C -40°C 10m 1m 100µ 10µ 1µ 100n 10n 1n 100p 10p 1p 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 1 2 345 67 89 10 Time (1 ms/div) VDD = 5.0V G = -1 V/V RL = 50 kΩ -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.0 CS Input Voltage (V) VOUT Active VOUT High-Z VDD = 5.0V Hysteresis CS High-to-Low CS Low-to-High |