| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F8722IPTQTP bảng dữ liệu(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F8722IPTQTP bảng dữ liệu(HTML) 18 Page - Microchip Technology |
|
18 / 446 page ![]() PIC18F8722 FAMILY DS39646C-page 16 © 2008 Microchip Technology Inc. PORTC is a bidirectional I/O port. RC0/T1OSO/T13CKI RC0 T1OSO T13CKI 30 I/O O I ST — ST Digital I/O. Timer1 oscillator output. Timer1/Timer3 external clock input. RC1/T1OSI/ECCP2/P2A RC1 T1OSI ECCP2(1) P2A(1) 29 I/O I I/O O ST CMOS ST — Digital I/O. Timer1 oscillator input. Enhanced Capture 2 input/Compare 2 output/ PWM 2 output. ECCP2 PWM output A. RC2/ECCP1/P1A RC2 ECCP1 P1A 33 I/O I/O O ST ST — Digital I/O. Enhanced Capture 1 input/Compare 1 output/ PWM 1 output. ECCP1 PWM output A. RC3/SCK1/SCL1 RC3 SCK1 SCL1 34 I/O I/O I/O ST ST ST Digital I/O. Synchronous serial clock input/output for SPI mode. Synchronous serial clock input/output for I2C™ mode. RC4/SDI1/SDA1 RC4 SDI1 SDA1 35 I/O I I/O ST ST ST Digital I/O. SPI data in. I2C data I/O. RC5/SDO1 RC5 SDO1 36 I/O O ST — Digital I/O. SPI data out. RC6/TX1/CK1 RC6 TX1 CK1 31 I/O O I/O ST — ST Digital I/O. EUSART1 asynchronous transmit. EUSART1 synchronous clock (see related RX1/DT1). RC7/RX1/DT1 RC7 RX1 DT1 32 I/O I I/O ST ST ST Digital I/O. EUSART1 asynchronous receive. EUSART1 synchronous data (see related TX1/CK1). TABLE 1-3: PIC18F6527/6622/6627/6722 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog= Analog input I = Input O = Output P= Power I2C™ = I2C/SMBus input buffer Note 1: Default assignment for ECCP2 when Configuration bit, CCP2MX, is set. 2: Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared. |