| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6043TIP bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6043TIP bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 34 page ![]() © 2008 Microchip Technology Inc. DS21669C-page 17 MCP6041/2/3/4 6.0 PACKAGING INFORMATION 6.1 Package Marking Information 8-Lead MSOP Example : XXXXXX YWWNNN 6043I 722256 5-Lead SOT-23 ( MCP6041) Example: XXNN SB25 Device I-Temp Code E-Temp Code MCP6041/T-E/OT SPNN SBNN 6-Lead SOT-23 ( MCP6043) Example: XXNN SC25 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e Device I-Temp Code E-Temp Code MCP6043T-E/CH SCNN SDNN XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example : 8-Lead SOIC (150 mil) Example : XXXXXXXX XXXXYYWW NNN MCP6041 I/P256 0722 MCP6042 I/SN0722 256 MCP6041 I/P 256 0722 MCP6042I SN 0722 256 3 e OR OR 3 e |