công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6042TECH bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP6042TECH
Giải thích chi tiết về linh kiện  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6042TECH bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP6042TECH Datasheet HTML 1Page - Microchip Technology MCP6042TECH Datasheet HTML 2Page - Microchip Technology MCP6042TECH Datasheet HTML 3Page - Microchip Technology MCP6042TECH Datasheet HTML 4Page - Microchip Technology MCP6042TECH Datasheet HTML 5Page - Microchip Technology MCP6042TECH Datasheet HTML 6Page - Microchip Technology MCP6042TECH Datasheet HTML 7Page - Microchip Technology MCP6042TECH Datasheet HTML 8Page - Microchip Technology MCP6042TECH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21669C-page 5
MCP6041/2/3/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.4V to +6.0V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL =VDD/2, RL =1MΩ to VL, and CL =60 pF.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift
with TA = -40°C to +85°C.
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD =1.4V.
FIGURE 2-4:
Input Offset Voltage Drift
with TA = +85°C to +125°C and VDD =1.4V.
FIGURE 2-5:
Input Offset Voltage Drift
with TA = +25°C to +125°C and VDD =5.5V.
FIGURE 2-6:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD =5.5V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
-3
-2
-1
0123
Input Offset Voltage (mV)
1124 Samples
VDD = 1.4V and 5.5V
VCM = VSS
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
11%
12%
-10
-8-6
-4-2
0
2
4
6
8
10
Input Offset Voltage Drift (µV/°C)
1124 Samples
TA = -40°C to +85°C
VDD = 1.4V
VCM = VSS
-2000
-1500
-1000
-500
0
500
1000
1500
2000
Common Mode Input Voltage (V)
VDD = 1.4V
Representative Part
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
-32 -28 -24 -20 -16 -12
-8
-4
0
4
Input Offset Voltage Drift (µV/°C)
245 Samples
1 Representative Lot
TA = +85°C to +125°C
VDD = 1.4V
VCM = VSS
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
24%
-32 -28 -24 -20 -16 -12
-8
-4
0
4
Input Offset Voltage Drift (µV/°C)
239 Samples
1 Representative Lot
TA = +85°C to +125°C
VDD = 5.5V
VCM = VSS
-2000
-1500
-1000
-500
0
500
1000
1500
2000
Common Mode Input Voltage (V)
VDD = 5.5V
Representative Part
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com