| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6042ECH bảng dữ liệu(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6042ECH bảng dữ liệu(HTML) 29 Page - Microchip Technology |
|
29 / 34 page ![]() © 2008 Microchip Technology Inc. DS21669C-page 29 MCP6041/2/3/4 APPENDIX A: REVISION HISTORY Revision C (February 2008) The following is the list of modifications: 1. Updated Figure 2-4 and Figure 2-5. 2. Updated trademark and Sales listing pages. 3. Expanded this op amp family: 4. Added the SOT-23-6 package for the MCP6043 op amp with Chip Select. 5. Added Extended Temperature (-40°C to +125°C) parts. 6. Expanded Analog Input Absolute Max Voltage Range (applies retroactively). 7. Expanded operating VDD to a maximum of 6.0V. 8. Section 1.0 “Electrical Characteristics” updated. 9. Section 2.0 “Typical Performance Curves” updated. 10. Section 3.0 “Pin Descriptions” added. 11. Section 4.0 “Applications Information”. 12. Added Section 4.7 “Unused Op Amps”. 13. Updated input stage explanation. 14. Section 5.0 “Design Aids” updated. 15. Section 6.0 “Packaging Information”. 16. Added SOT-23-6 package. 17. Corrected package marking information. 18. Appendix A: “Revision History” added. Revision B (June 2002) The following is the list of modifications. • Undocumented changes. Revision A (August 2001) • Original data sheet release. |