| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP2120 bảng dữ liệu(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2120 bảng dữ liệu(HTML) 25 Page - Microchip Technology |
|
25 / 36 page ![]() © 2007 Microchip Technology Inc. DS21618B-page 25 MCP2120 5.0 DC AND AC CHARACTERISTICS GRAPHS AND TABLES The graphs and tables provided in this section are for design guidance and are not tested. In some graphs or tables the data presented is outside specified operating range (e.g., outside specified VDD range). This is for information only and devices will operate properly only within the specified range. The data presented in this section is a statistical summary of data collected on units from different lots over a period of time. “Typical” represents the mean of the distribution while “max” or “min” represents (mean + 3s) and (mean – 3s) respectively, where s is standard deviation. FIGURE 5-1: Short DRT Period Vs. VDD 950 850 750 650 550 450 350 250 150 0 0 2.5 3.5 4.5 5.5 6.5 VDD (Volts) Max +85 °C Typ +25 °C MIn –40 °C |