| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP201E bảng dữ liệu(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP201E bảng dữ liệu(HTML) 5 Page - Microchip Technology |
|
5 / 40 page ![]() © 2007 Microchip Technology Inc. DS21730F-page 5 MCP201 TABLE 1-2: OVERVIEW OF OPERATIONAL MODES State Transmitter Voltage Regulator Operation Comments POR OFF OFF Read CS/WAKE. If low, then READY. If high, READY1 mode. Sample FAULT/SLPS and select slope Ready OFF ON If CS/WAKE rising edge, then Operation mode. Bus Off state Ready1 OFF ON If CS/WAKE falling edge, then READY mode. Bus Off state Operation ON ON If CS/WAKE falling edge, then Power down. Normal Operation mode Power-down OFF OFF On LIN bus falling, go to READY mode. On CS/WAKE rising edge, go to Operational mode Low-Power mode Note: After power-on, CS will not be sampled until VREG has stabized and an additional 600 µs has elapsed. The microcontroller should toggle CS approximately 1mS after RESET to ensure that CS will be recognized. |