công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTP60N06 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MTP60N06
Giải thích chi tiết về linh kiện  TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP60N06 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MTP60N06 Datasheet HTML 1Page - Motorola, Inc MTP60N06 Datasheet HTML 2Page - Motorola, Inc MTP60N06 Datasheet HTML 3Page - Motorola, Inc MTP60N06 Datasheet HTML 4Page - Motorola, Inc MTP60N06 Datasheet HTML 5Page - Motorola, Inc MTP60N06 Datasheet HTML 6Page - Motorola, Inc MTP60N06 Datasheet HTML 7Page - Motorola, Inc MTP60N06 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP60N06HD
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(Cpk ≥ 2.0) (3)
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
—
—
71
—
—
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
—
—
—
—
10
100
µAdc
Gate–Body Leakage Current
(VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
—
—
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(Cpk ≥ 3.0) (3)
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
—
3.0
7.0
4.0
—
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(Cpk ≥ 3.0) (3)
(VGS = 10 Vdc, ID = 30 Adc)
RDS(on)
—
0.011
0.014
Ohm
Drain–to–Source On–Voltage (VGS = 10 Vdc)
(ID = 60 Adc)
(ID = 30 Adc, TJ = 125°C)
VDS(on)
—
—
—
—
1.0
0.9
Vdc
Forward Transconductance
(VDS = 5.0 Vdc, ID = 30 Adc)
gFS
15
20
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
—
1950
2800
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
—
660
924
Transfer Capacitance
f = 1.0 MHz)
Crss
—
147
300
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 30 Vdc, ID = 60 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
td(on)
—
14
26
ns
Rise Time
(VDD = 30 Vdc, ID = 60 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
tr
—
197
394
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
—
50
102
Fall Time
RG = 9.1 Ω)
tf
—
124
246
Gate Charge
(See Figure 8)
(VDS = 48 Vdc, ID = 60 Adc,
VGS = 10 Vdc)
QT
—
51
71
nC
(See Figure 8)
(VDS = 48 Vdc, ID = 60 Adc,
VGS = 10 Vdc)
Q1
—
12
—
(VDS = 48 Vdc, ID = 60 Adc,
VGS = 10 Vdc)
Q2
—
24
—
Q3
—
21
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 60 Adc, VGS = 0 Vdc)
(IS = 60 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
—
—
0.99
0.89
1.2
—
Vdc
Reverse Recovery Time
(See Figure 15)
(IS = 60 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
—
60
—
ns
(See Figure 15)
(IS = 60 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
—
36
—
(IS = 60 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
—
24
—
Reverse Recovery Stored Charge
QRR
—
0.143
—
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
LD
—
—
3.5
4.5
—
—
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
—
7.5
—
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com