| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP3908 bảng dữ liệu(PDF) 9 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP3908 bảng dữ liệu(HTML) 9 Page - Monolithic Power Systems |
|
9 / 11 page ![]() MP3908 – HIGH EFFICIENCY BOOST CONTROLLER MP3908 Rev.0.9 www.MonolithicPower.com 9 8/29/2008 MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. © 2008 MPS. All Rights Reserved. In cases where the ESR zero is in a relatively low frequency region and results in insufficient gain margin, an optional capacitor (C5) (shown in flat page) should be added. Then a pole, formed by C5 and R3, should be placed at the ESR zero to cancel the adverse effect. fESRz R3 2 1 5 C × × π × = Layout Consideration High frequency switching regulators require very careful layout for stable operation and low noise. Keep the high current path as short as possible between the MOSFET drain, output diode, output capacitor and GND pin for minimal noise and ringing. The VCC capacitor must be placed close to the VCC pin for best decoupling. All feedback components must be kept close to the FB pin to prevent noise injection on the FB pin trace. The ground return of the input and output capacitors should be tied closed to the GND pin. See the MP3908 demo board layout for reference. |