công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP3304ADD bảng dữ liệu(PDF) 8 Page - Monolithic Power Systems

tên linh kiện MP3304ADD
Giải thích chi tiết về linh kiện  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304ADD bảng dữ liệu(HTML) 8 Page - Monolithic Power Systems

Back Button MP3304ADD Datasheet HTML 4Page - Monolithic Power Systems MP3304ADD Datasheet HTML 5Page - Monolithic Power Systems MP3304ADD Datasheet HTML 6Page - Monolithic Power Systems MP3304ADD Datasheet HTML 7Page - Monolithic Power Systems MP3304ADD Datasheet HTML 8Page - Monolithic Power Systems MP3304ADD Datasheet HTML 9Page - Monolithic Power Systems MP3304ADD Datasheet HTML 10Page - Monolithic Power Systems MP3304ADD Datasheet HTML 11Page - Monolithic Power Systems MP3304ADD Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP3304 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING
MP3304 Rev. 0.91
www.MonolithicPower.com
8
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Layout Considerations
Careful attention must be paid to the PCB board
layout and components placement. Proper layout
of the high frequency switching path is critical to
prevent noise and electromagnetic interference
problems. The loop of MP3304 SW to GND pin,
output diode, and output capacitor is flowing with
high frequency ripple current, it must be as short
as possible.
The IN pin of the IC must be locally bypassed. A
RC filter is highly recommended for eliminating
the noise on IN pin. It could be implemented as
shown in Figure 3.
MP3304
SW
GND
IN
Input
Figure 3—Input Bias Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com