công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F1508 bảng dữ liệu(PDF) 137 Page - Microchip Technology

tên linh kiện F1508
Giải thích chi tiết về linh kiện  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F1508 bảng dữ liệu(HTML) 137 Page - Microchip Technology

Back Button F1508 Datasheet HTML 133Page - Microchip Technology F1508 Datasheet HTML 134Page - Microchip Technology F1508 Datasheet HTML 135Page - Microchip Technology F1508 Datasheet HTML 136Page - Microchip Technology F1508 Datasheet HTML 137Page - Microchip Technology F1508 Datasheet HTML 138Page - Microchip Technology F1508 Datasheet HTML 139Page - Microchip Technology F1508 Datasheet HTML 140Page - Microchip Technology F1508 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 137
PIC16(L)F1508/9
TABLE 15-1:
ADC CLOCK PERIOD (TAD) VS. DEVICE OPERATING FREQUENCIES
FIGURE 15-2:
ANALOG-TO-DIGITAL CONVERSION TAD CYCLES
ADC Clock Period (TAD)
Device Frequency (FOSC)
ADC
Clock
Source
ADCS<2:0
>
20 MHz
16 MHz
8 MHz
4 MHz
1 MHz
Fosc/2
000
100 ns
125 ns
250 ns
500 ns
2.0
s
Fosc/4
100
200 ns
250 ns
500 ns
1.0
s4.0 s
Fosc/8
001
400 ns
500 ns
1.0
s2.0 s
8.0
s
Fosc/16
101
800 ns
1.0
s2.0 s4.0 s
16.0
s
Fosc/32
010
1.6
s2.0 s4.0 s
8.0
s
32.0
s
Fosc/64
110
3.2
s4.0 s
8.0
s
16.0
s
64.0
s
FRC
x11
1.0-6.0
s
1.0-6.0
s
1.0-6.0
s
1.0-6.0
s
1.0-6.0
s
Legend: Shaded cells are outside of recommended range.
Note:
The TAD period when using the FRC clock source can fall within a specified range, (see TAD parameter).
The TAD period when using the FOSC-based clock source can be configured for a more precise TAD period.
However, the FRC clock source must be used when conversions are to be performed with the device in
Sleep mode.
TAD1TAD2TAD3TAD4TAD5TAD6TAD7TAD8TAD9TAD10
TAD11
SetGObit
Conversion Starts
Holding capacitor disconnected
from analog input (THCD).
On the following cycle:
ADRESH:ADRESL is loaded,
GO bit is cleared,
ADIF bit is set,
holding capacitor is reconnected to analog input.
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Enable ADC (ADON bit)
and
Select channel (ACS bits)
THCD
TACQ
Rev. 10-000035A
7/30/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com