công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F1508 bảng dữ liệu(PDF) 129 Page - Microchip Technology

tên linh kiện F1508
Giải thích chi tiết về linh kiện  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F1508 bảng dữ liệu(HTML) 129 Page - Microchip Technology

Back Button F1508 Datasheet HTML 125Page - Microchip Technology F1508 Datasheet HTML 126Page - Microchip Technology F1508 Datasheet HTML 127Page - Microchip Technology F1508 Datasheet HTML 128Page - Microchip Technology F1508 Datasheet HTML 129Page - Microchip Technology F1508 Datasheet HTML 130Page - Microchip Technology F1508 Datasheet HTML 131Page - Microchip Technology F1508 Datasheet HTML 132Page - Microchip Technology F1508 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 129
PIC16(L)F1508/9
13.0 FIXED VOLTAGE REFERENCE
(FVR)
The Fixed Voltage Reference (FVR) is a stable voltage
reference, independent of VDD, with a nominal output
level (VFVR) of 1.024V. The output of the FVR can be
configured to supply a reference voltage to the
following:
• ADC input channel
• Comparator positive input
• Comparator negative input
The FVR can be enabled by setting the FVREN bit of
the FVRCON register.
13.1
Independent Gain Amplifier
The output of the FVR supplied to the peripherals,
(listed above), is routed through a programmable gain
amplifier. Each amplifier can be programmed for a gain
of 1x, 2x or 4x, to produce the three possible voltage
levels.
The ADFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the ADC module. Refer-
ence Section 15.0 “Analog-to-Digital Converter
(ADC) Module” for additional information.
The CDAFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the comparator modules.
Reference Section 17.0 “Comparator Module” for
additional information.
To minimize current consumption when the FVR is
disabled, the FVR buffers should be turned off by
clearing the Buffer Gain Selection bits.
13.2
FVR Stabilization Period
When the Fixed Voltage Reference module is enabled, it
requires time for the reference and amplifier circuits to
stabilize. Once the circuits stabilize and are ready for use,
the FVRRDY bit of the FVRCON register will be set. See
the FVR Stabilization Period characterization graph,
Figure 30-65.
FIGURE 13-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
1x
2x
4x
1x
2x
4x
ADFVR<1:0>
CDAFVR<1:0>
FVR_buffer1
(To ADC Module)
FVR_buffer2
(To Comparators)
+
_
FVREN
FVRRDY
Note 1
2
2
Rev. 10-000053A
8/6/2013
Note 1: Any peripheral requiring the Fixed Reference (See Table 13-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com