| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF-LR bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-LR bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() Product Dimensions Model A B C D F Pkg. Style Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. MF-LR190 19.9 (0.783) 22.1 (0.870) 4.9 (0.193) 5.2 (0.205) 0.6 (0.024) 1.0 (0.039) 5.5 (0.217) 7.5 (0.295) 3.9 (0.154) 4.1 (0.161) Std. MF-LR190S 19.9 (0.783) 22.1 (0.870) 4.9 (0.193) 5.2 (0.205) 0.6 (0.024) 1.0 (0.039) 5.5 (0.217) 7.5 (0.295) 3.9 (0.154) 4.1 (0.161) S MF-LR260 20.9 (0.823) 23.1 (0.909) 4.9 (0.193) 5.2 (0.205) 0.6 (0.024) 1.0 (0.039) 4.1 (0.161) 5.5 (0.217) 3.9 (0.154) 4.1 (0.161) Std. MF-LR260S 20.9 (0.823) 23.1 (0.909) 4.9 (0.193) 5.2 (0.205) 0.6 (0.024) 1.0 (0.039) 4.1 (0.161) 5.5 (0.217) 3.9 (0.154) 4.1 (0.161) S MF-LR380 24.0 (0.945) 26.0 (1.024) 6.9 (0.272) 7.5 (0.295) 0.6 (0.024) 1.0 (0.039) 4.1 (0.161) 5.5 (0.217) 4.9 (0.193) 5.1 (0.201) Std. MF-LR450 24.0 (0.945) 26.0 (1.024) 9.9 (0.390) 10.5 (0.414) 0.6 (0.024) 1.0 (0.039) 5.3 (0.209) 6.7 (0.264) 5.9 (0.232) 6.1 (0.240) Std. MF-LR550 35.0 (1.378) 37.0 (1.457) 6.9 (0.272) 7.5 (0.295) 0.6 (0.024) 1.0 (0.039) 5.3 (0.209) 6.7 (0.264) 4.9 (0.193) 5.1 (0.201) Std. MF-LR600 24.0 (0.945) 26.0 (1.024) 13.9 (0.547) 15.9 (0.626) 0.6 (0.024) 1.0 (0.039) 4.1 (0.161) 5.5 (0.217) 5.9 (0.232) 6.1 (0.240) Std. MF-LR730 30.0 (1.18) 29.1 (1.146) 13.9 (0.547) 15.0 (0.590) 0.6 (0.024) 1.0 (0.039) 4.1 (0.161) 5.5 (0.217) 5.9 (0.232) 6.1 (0.240) Std. MF-LR730/20 27.1 (1.067) 29.1 (1.146) 13.9 (0.547) 14.5 (0.571) 0.6 (0.024) 1.0 (0.039) 4.1 (0.161) 5.5 (0.217) 5.9 (0.232) 6.1 (0.240) Std. MF-LR900/20 45.4 (1.787) 47.6 (1.874) 7.9 (0.311) 8.5 (0.335) 0.6 (0.024) 1.3 (0.051) 4.6 (0.181) 9.2 (0.362) 5.9 (0.232) 6.1 (0.240) Std. Packaging: Bulk - 500 pcs. per bag. Tape and Reel - Consult factory. DIMENSIONS: MM (INCHES) Typical Part Marking Represents total content. Layout may vary. Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. MF-LR Series - PTC Resettable Fuses Applications Any application that requires protection at low resistances: ■ Rechargeable battery pack protection ■ Cellular phones ■ Laptop computers F B D D C A Standard Style F B D D A "S" Style C SLIT NOMINAL 0.5 (.020) 4.0 (.157) X MANUFACTURER'S TRADEMARK PART IDENTIFICATION LOT NO. (T = TAIWAN S = CHINA) LR190 0144T DATE CODE (FIRST DIGIT = LAST DIGIT OF YEAR; NEXT THREE DIGITS = DAY OF YEAR) |