| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF-LS bảng dữ liệu(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-LS bảng dữ liệu(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. MF-LS Series - PTC Resettable Fuses Typical Time to Trip at 23 ˚C How to Order MF - LS 100 S - __ Multifuse® Product Designator Series LS = Axial Leaded “Strap” Component Hold Current, Ihold 100-340 (1.0 Amps - 3.40 Amps) Lead Option S = Slotted Lead Option* RU = Radial Lead Option Packaging Options - __ = Bulk Packaging - 2 = Tape and Reel** * Slotted lead option is currently available, but not recommended for new designs. **Packaged per EIA486-B MF-LS, REV. K, 12/13 0.001 1 10 100 1 10 Fault Current (Amps) MF-LS models offer trip temperatures lower than MF-S models for extra protection at elevated temperatures. |