công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC30F3010 bảng dữ liệu(PDF) 65 Page - Microchip Technology

tên linh kiện DSPIC30F3010
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Digital Signal Controllers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F3010 bảng dữ liệu(HTML) 65 Page - Microchip Technology

Back Button DSPIC30F3010 Datasheet HTML 61Page - Microchip Technology DSPIC30F3010 Datasheet HTML 62Page - Microchip Technology DSPIC30F3010 Datasheet HTML 63Page - Microchip Technology DSPIC30F3010 Datasheet HTML 64Page - Microchip Technology DSPIC30F3010 Datasheet HTML 65Page - Microchip Technology DSPIC30F3010 Datasheet HTML 66Page - Microchip Technology DSPIC30F3010 Datasheet HTML 67Page - Microchip Technology DSPIC30F3010 Datasheet HTML 68Page - Microchip Technology DSPIC30F3010 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 226 page
background image
© 2008 Microchip Technology Inc.
DS70141E-page 63
dsPIC30F3010/3011
8.3
Input Change Notification Module
The input change notification module provides the
dsPIC30F devices the ability to generate interrupt
requests to the processor in response to a Change-Of-
State (COS) on selected input pins. This module is
capable of detecting input Change-Of-States, even in
Sleep mode, when the clocks are disabled. There are
10 external signals (CN0 through CN7, CN17 and
CN18) that may be selected (enabled) for generating
an interrupt request on a Change-Of-State.
Please refer to the Pin Diagrams for CN pin locations.
TABLE 8-3:
INPUT CHANGE NOTIFICATION REGISTER MAP (BITS 7-0)(1)
SFR Name
Addr.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
CNEN1
00C0
CN7IE
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000 0000 0000 0000
CNPU1
00C4
CN7PUE
CN6PUE
CN5PUE
CN4PUE
CN3PUE
CN2PUE
CN1PUE
CN0PUE
0000 0000 0000 0000
Note 1:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com