| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AY0438 bảng dữ liệu(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AY0438 bảng dữ liệu(HTML) 5 Page - Microchip Technology |
|
5 / 11 page ![]() © 1995 Microchip Technology Inc. DS70010I-page 5 AY0438 ;The DP are not connected, but can be connected to seg8, 16, 24 & 32. ;For each digit, the segments are connected as: ; Seg A --> seg(8*n + 1) ; Seg B --> seg(8*n + 2) ; Seg C --> seg(8*n + 3) ; Seg D --> seg(8*n + 4) ; Seg E --> seg(8*n + 5) ; Seg F --> seg(8*n + 6) ; Seg G --> seg(8*n + 7) ;where n = 0, 1, 2 and 3 for MSD, 3rdSD, 2ndSD and LSD respectively. ;The firmware uses the values in registers: ; MSD, THRDSD, SCNDSD and LSD to determine the values to be ;pulsed to the AY0438. ;In this example, a pushbutton connected to PORTB bit 7 ;is checked periodically to see if it has been pressed. If so, ;the LCD values in locations MSD to LSD are updated. ;************************************************************************* list p=16c71,f=inhx8m ; ; MSD equ 0x20 THRDSD equ 0x21 SCNDSD equ 0x22 LSD equ 0x23 count equ 0x24 temp equ 0x25 PORTB equ 0x06 #define CLK PORTB,0 #define DATAIN PORTB,1 #define LOAD PORTB,2 #define UPDATELCD PORTB,7 w equ 0 STATUS equ 0x03 C equ 0 RP0 equ 5 OPTION equ 0x81 RBPU equ 7 PCL equ 0x02 PCLATH equ 0x0A ; ; org 0 goto start org 0x10 ; ;This DecodeValue table must reside in page 0 for this program to work ; DecodeValue addwf PCL retlw B'00111111' ;decode for 0 retlw B'00000110' ;decode for 1 retlw B'01011011' ;decode for 2 retlw B'01001111' ;decode for 3 retlw B'01100110' ;decode for 4 retlw B'01101101' ;decode for 5 |