công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6202 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện L6202
Giải thích chi tiết về linh kiện  DMOS FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6202 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button L6202 Datasheet HTML 8Page - STMicroelectronics L6202 Datasheet HTML 9Page - STMicroelectronics L6202 Datasheet HTML 10Page - STMicroelectronics L6202 Datasheet HTML 11Page - STMicroelectronics L6202 Datasheet HTML 12Page - STMicroelectronics L6202 Datasheet HTML 13Page - STMicroelectronics L6202 Datasheet HTML 14Page - STMicroelectronics L6202 Datasheet HTML 15Page - STMicroelectronics L6202 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Quiescent Energy
The last contribution to the energy dissipation is
due to the quiescent supply current and is given by:
EQUIESCENT = IQUIESCENT
⋅ Vs ⋅ T
Total Energy Per Cycle
ETOT = EOFF/ON + ELD + ECOM +
+ EON/OFF + EQUIESCENT
The Total Power Dissipation PDIS is simply :
PDIS = ETOT/T
Tr = Rise time
TLD = Load drive time
Tf = Fall time
Td = Dead time
T = Period
T = Tr + TLD + Tf + Td
DC Motor Speed Control
Since the I.C. integrates a full H-Bridge in a single
package it is idealy suited for controlling DC mo-
tors. When used for DC motor control it performs
the power stage required for both speed and di-
rection control. The device can be combined with
a current regulator like the L6506 to implement a
transconductance amplifier for speed control, as
shown in figure 17. In this particular configuration
only half of the L6506 is used and the other half
of the device may be used to control a second
motor.
The L6506 senses the voltage across the sense
resistor RS to monitor the motor current: it com-
pares the sensed voltage both to control the
speed and during the brake of the motor.
Between the sense resistor and each sense input
of the L6506 a resistor is recommended; if the
connections between the outputs of the L6506
and the inputs of the L6203 need a long path, a
resistor must be added between each input of the
L6203 and ground.
A snubber network made by the series of R and C
must be foreseen very near to the output pins of
the I.C.; one diode (BYW98) is connected be-
tween each power output pin and ground as well.
The following formulas can be used to calculate
the snubber values:
R
≅ VS/lp
C = lp/(dV/dt) where:
VS is the maximum Supply Voltage foreseen on
the application;
Ip is the peak of the load current;
dv/dt is the limited rise time of the output voltage
(200V/
µs is generally used).
If the Power Supply Cannot Sink Current, a suit-
able large capacitor must be used and connected
near the supply pin of the L6203. Sometimes a
capacitor at pin 17 of the L6506 let the application
better work. For motor current up to 2A max., the
L6202 can be used in a similar circuit configura-
tion for which a typical Supply Voltage of 24V is
recommended.
Figure 17: Bidirectional DC Motor Control
L6201 - L6202 - L6203
12/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com