| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM3445M bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3445M bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 39 page ![]() delay VBUCK VAC VBR1 t ? (a) (b) (c) t t VAC VBR1 t (a) (b) (c) VBUCK LM3445 SNVS570L – JANUARY 2009 – REVISED MAY 2013 www.ti.com SENSING THE RECTIFIED TRIAC WAVEFORM A bridge rectifier, BR1, converts the line (mains) voltage (Figure 15c) into a series of half-sines as shown in Figure 15b. Figure 15a shows a typical voltage waveform after diode D3 (valley fill circuit, or VBUCK). Figure 15. Voltage Waveforms After Bridge Rectifier Without Triac Dimming Figure 16c and Figure 16b show typical triac dimmed voltage waveforms before and after the bridge rectifier. Figure 16a shows a typical triac dimmed voltage waveform after diode D3 (valley fill circuit, or VBUCK). Figure 16. Voltage Waveforms After Bridge Rectifier With Triac Dimming LM3445 LINE SENSING CIRCUITRY An external series pass regulator (R2, D1, and Q1) translates the rectified line voltage to a level where it can be sensed by the BLDR pin on the LM3445. 10 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: LM3445 |