| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2512ASM bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2512ASM bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 28 page ![]() HOST DISPLAY DRIVER FPD95320 SDO CSX SCL SDO CSX SCL SDI LM2512A C O N N SDI HOST DISPLAY DRIVER FPD95320 C O N N SDA CSX SCL SDO CSX SCL SDI LM2512A LM2512A www.ti.com SNLS269B – AUGUST 2007 – REVISED MAY 2013 Table 4. PAGE WRITE Bit B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 SDA 0 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 (start address) (Data Byte 0) D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 (Data Byte 1) (Data Byte n, 256 max.) There are three SPI Interface signals: CSX - SPI Chip Select, SCL - SPI Clock, and SDA - SPI Data. CSX and SCL are inputs on the LM2512A. SDA is a bi-directional Data line and is an input for a WRITE and an output for the READ_DATA portion of a READ operation. READs are optional and are not required. Due to the Select/Unlock – De-Select/Lock feature of the device the SPI interface may be shared with the display driver. Several connection configurations are possible. A couple examples are shown in Figure 13 and Figure 14. Figure 13. LM2512A WRITE & READ to 3-signal SPI HOST Figure 14. LM2512A WRITE only to 4-signal SPI HOST Copyright © 2007–2013, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: LM2512A |