| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP1712AUJZ-3.3-R7 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1712AUJZ-3.3-R7 bảng dữ liệu(HTML) 6 Page - Analog Devices |
|
6 / 16 page ![]() ADP1712/ADP1713/ADP1714 Rev. A | Page 6 of 16 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS IN GND OUT 1 2 5 EN SS 3 4 ADP1712 FIXED TOP VIEW (Not to Scale) IN GND OUT 1 2 5 EN ADJ 3 4 ADP1712 ADJUSTABLE TOP VIEW (Not to Scale) IN GND OUT 1 2 5 EN BYP 3 4 ADP1713 TOP VIEW (Not to Scale) IN GND OUT 1 2 5 EN TRK 3 4 ADP1714 TOP VIEW (Not to Scale) Figure 5. 5-Lead TSOT (UJ-Suffix) Figure 6. 5-Lead TSOT (UJ-Suffix) Figure 7. 5-Lead TSOT (UJ-Suffix) Figure 8. 5-Lead TSOT (UJ-Suffix) Table 4. Pin Function Descriptions ADP1712 Fixed Pin No. ADP1712 Adjustable Pin No. ADP1713 Pin No. ADP1714 Pin No. Mnemonic Description 1 1 1 1 IN Regulator Input Supply. Bypass IN to GND with a 2.2 μF or greater capacitor. 2 2 2 2 GND Ground. 3 3 3 3 EN Enable Input. Drive EN high to turn on the regulator; drive it low to turn off the regulator. For automatic startup, connect EN to IN. 4 SS Soft Start. Connect a capacitor between SS and GND to set the output start-up time. 4 ADJ Adjust. A resistor divider from OUT to ADJ sets the output voltage. 4 BYP Bypass. Connect a 1 nF or greater capacitor (10 nF recommended) between BYP and GND to reduce the internal reference noise for low noise applications. 4 TRK Track. The output follows the voltage placed on the TRK pin. (See the Theory of Operation section for a more detailed description.) 5 5 5 5 OUT Regulated Output Voltage. Bypass OUT to GND with a 2.2 μF or greater capacitor. |