công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP1586 bảng dữ liệu(PDF) 10 Page - Monolithic Power Systems

tên linh kiện MP1586
Giải thích chi tiết về linh kiện  3A, 28V, 50kHz to 400kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1586 bảng dữ liệu(HTML) 10 Page - Monolithic Power Systems

Back Button MP1586 Datasheet HTML 6Page - Monolithic Power Systems MP1586 Datasheet HTML 7Page - Monolithic Power Systems MP1586 Datasheet HTML 8Page - Monolithic Power Systems MP1586 Datasheet HTML 9Page - Monolithic Power Systems MP1586 Datasheet HTML 10Page - Monolithic Power Systems MP1586 Datasheet HTML 11Page - Monolithic Power Systems MP1586 Datasheet HTML 12Page - Monolithic Power Systems MP1586 Datasheet HTML 13Page - Monolithic Power Systems MP1586 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP1586 – 3A, 28V, 50kHz TO 400kHz STEP-DOWN CONVERTER
MP1586 Rev. 0.91
www.MonolithicPower.com
10
1/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to FB pin.
The voltage divider divides the output voltage
down to the feedback voltage by the ratio:
2
R
1
R
2
R
V
V
OUT
FB
+
=
Thus the output voltage is:
2
R
)
2
R
1
R
(
V
V
FB
OUT
+
=
About 20µA current from high side BS circuitry
can be seen at the output when the MP1586 is
at no load. In order to absorb this small amount
of current, keep R2 under 40kΩ.
A typical
value for R2 can be 40.2kΩ. With this value, R1
can be determined by:
)
k
)(
8
.
0
V
(
25
.
50
1
R
OUT
Ω
×
=
For example, for a 3.3V output voltage, R2 is
40.2kΩ, and R1 is 127kΩ.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However,
the larger value inductor will have a larger
physical size, higher series resistance, and/or
lower saturation current.
A good rule for determining the inductance to
use is to allow the peak-to-peak ripple current in
the inductor to be approximately 30% of the
maximum switch current limit. Also, make sure
that the peak inductor current is below the
maximum switch current limit. The inductance
value can be calculated by:
⎟⎟
⎜⎜
×
×
=
IN
OUT
L
S
OUT
V
V
1
ΔI
f
V
1
L
Where VOUT is the output voltage, VIN is the
input voltage, fS is the switching frequency, and
ΔIL is the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
⎟⎟
⎜⎜
×
×
×
+
=
IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 1 lists a number of suitable inductors
from various manufacturers. The choice of
which style inductor to use mainly depends on
the price vs. size requirements and any EMI
requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com