| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HR2000 bảng dữ liệu(PDF) 1 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
HR2000 bảng dữ liệu(HTML) 1 Page - Monolithic Power Systems |
|
1 / 20 page ![]() HR2000 Fluorescent Lamp HB Driver with PFC HR2000 Rev. 1.0 www.MonolithicPower.com 1 2/20/2013 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2013 MPS. All Rights Reserved. The Future of Analog IC T echnology DESCRIPTION The HR2000 is a fluorescent lamp ballast controller with PFC function and high voltage half-bridge driver. Only 16pin is used to offer cost effective solutions with minimized external components. The HR2000 can properly drive the two MOSFETs of half-bridge to control fluorescent lamp, ensuring all the features at the same time. The operating frequency is programmable and the sweeping frequency is controlled to limit the preheat current. The preheat time and ignition time can be smartly set up for types of lamps and applications. Sufficient protection functions are provided for different fault modes such as over voltage, over current, over temperature, capacitive mode, end of life (EOL). Preheat driving signal is offered in preheat state to meet low power loss application which usually needs a MOSFET to cut off filament transformer. The PFC part only uses 4 pins to realize PFC function with On-time (Ton) control at boundary conduction mode (BCM). It is suitable for wide input range. Over voltage protection and over current protection are integrated for the PFC part. The HR2000 is available in the 16-pin SOIC16 package. FEATURES PFC PART • Only four pins realize PFC function. • Ton control. • Boundary Conduction Mode operation. • Less peripheral components. • Over voltage and over current protection. HALF-BRIDGE PART • 600V bootstrap half-bridge driver. • Programmable preheat current. • Programmable preheat time. • Programmable ignition time. • Single ignition attempt. • Over voltage protection. • Over current protection. • End-Of-Life protection • Capacitive mode protection. • Minimized external components. • Over temperature protection APPLICATIONS • Tube fluorescent lamp ballast • Compact fluorescent lamp ballast All MPS parts are lead-free and adhere to the RoHS directive. For MPS green status, please visit MPS website under Quality Assurance. “MPS” and “The Future of Analog IC Technology” are Registered Trademarks of Monolithic Power Systems, Inc. |
Số phần tương tự - HR2000 |
|
Mô tả tương tự - HR2000 |