công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUF602IDBVT bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện BUF602IDBVT
Giải thích chi tiết về linh kiện  High-Speed, Closed-Loop Buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

BUF602IDBVT bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button BUF602IDBVT Datasheet HTML 9Page - Texas Instruments BUF602IDBVT Datasheet HTML 10Page - Texas Instruments BUF602IDBVT Datasheet HTML 11Page - Texas Instruments BUF602IDBVT Datasheet HTML 12Page - Texas Instruments BUF602IDBVT Datasheet HTML 13Page - Texas Instruments BUF602IDBVT Datasheet HTML 14Page - Texas Instruments BUF602IDBVT Datasheet HTML 15Page - Texas Instruments BUF602IDBVT Datasheet HTML 16Page - Texas Instruments BUF602IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
APPLICATION INFORMATION
WIDEBAND BUFFER OPERATION
V
CC
To V
CC/2
BUF602
2k
Ω
50
Ω
0.1
µF
50
ΩLoad
V
OUT
V
CC/2
0.1
µF
200
Ω
50
Ω
LOW-IMPEDANCE TRANSMISSION LINES
+
50
Ω
BUF602
50
Ω
V
IN
50
ΩSource
V
OUT
50
ΩLoad
0.1
µF
4.7
µF
−5V
+
0.1
µF
4.7
µF
+5V
Z =
O
LT
CT
(1)
BUF602
www.ti.com ...................................................................................................................................................... SBOS339B – OCTOBER 2005 – REVISED MAY 2008
single-supply operation of the BUF602 is to maintain
output signal swings within the usable voltage ranges.
The circuit of Figure 32 establishes an input midpoint
The BUF602 gives the exceptional AC performance
bias using the internal midpoint reference. The input
of a wideband buffer. Requiring only 5.8mA quiescent
signal is then AC-coupled into this midpoint voltage
current, the BUF602 will swing to within 1V of either
bias. Again, on a single +5V supply, the output
supply rail and deliver in excess of 60mA at room
voltage can swing to within 1V of either supply pin
temperature. This low output headroom requirement,
while delivering more than 60mA output current. A
along with supply voltage independent biasing, gives
demanding 100
Ω load to a midpoint bias is used in
remarkable
single
(+5V)
supply
operation.
The
this characterization circuit.
BUF602 will deliver greater than 500MHz bandwidth
driving a 2VPP output into 100Ω on a single +5V
supply.
Figure 31 shows the DC-coupled, dual power-supply
circuit configuration used as the basis of the ±5V
Electrical
and
Typical
Characteristics.
For
test
purposes, the input impedance is set to 50
Ω with a
resistor to ground and the output impedance is set to
50
Ω with a series output resistor. Voltage swings
reported in the specifications are taken directly at the
input and output pins while load powers (dBm) are
defined at a matched 50
Ω load. In addition to the
usual power-supply decoupling capacitors to ground,
a 0.01
µF capacitor can be included between the two
power-supply pins. This optional added capacitor will
typically
improve
the
2nd-harmonic
distortion
performance by 3dB to 6dB.
Figure 32. AC-Coupled, Single-Supply,
Specification and Test Circuit
The most important equations and technical basics of
transmission lines support the results found for the
various drive circuits presented here. An ideal
transmission medium with zero ohmic impedance
would have inductance and capacitance distributed
over the transmission cable. Both inductance and
capacitance detract from the transmission quality of a
line. Each input is connected with high-impedance to
the
line
as
in
a
daisy-chain
or
loop-through
Figure 31. DC-Coupled, Bipolar Supply,
configuration, and each adds capacitance of at least
Specification and Test Circuit
a few picofarads. The typical transmission line
impedance (ZO) defines the line type. In Equation 1,
Figure 32 shows the AC-coupled, single-supply circuit
the impedance is calculated by the square root of line
configuration used as the basis of the +5V Electrical
inductance (LT) divided by line capacitance (CT):
and Typical Characteristics. Though not a rail-to-rail
design, the BUF602 requires minimal input and
output voltage headroom compared to other very
wideband buffers. It will deliver a 3VPP output swing
on a single +5V supply with greater than 400MHz
bandwidth.
The
key
requirement
of
broadband
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): BUF602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com