công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M052LBN bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers

tên linh kiện M052LBN
Giải thích chi tiết về linh kiện  32-BIT MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

M052LBN bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button M052LBN Datasheet HTML 17Page - List of Unclassifed Manufacturers M052LBN Datasheet HTML 18Page - List of Unclassifed Manufacturers M052LBN Datasheet HTML 19Page - List of Unclassifed Manufacturers M052LBN Datasheet HTML 20Page - List of Unclassifed Manufacturers M052LBN Datasheet HTML 21Page - List of Unclassifed Manufacturers M052LBN Datasheet HTML 22Page - List of Unclassifed Manufacturers M052LBN Datasheet HTML 23Page - List of Unclassifed Manufacturers M052LBN Datasheet HTML 24Page - List of Unclassifed Manufacturers M052LBN Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
NuMicro
™
M052/M054BN Data Sheet
Publication Release Date: Mar. 19, 2012
- 21 -
Revision V1.01
6.2 System Manager
6.2.1
Overview
The following functions are included in system manager section
System Resets
System Memory Map
System management registers for Part Number ID, chip reset and on-chip module reset ,
multi-functional pin control
System Timer (SysTick)
Nested Vectored Interrupt Controller (NVIC)
System Control registers
6.2.2
System Reset
The system reset includes one of the list below event occurs. For these reset event flags can be
read by RSTSRC register.
The Power-On Reset (POR)
The low level on the /RESET pin
Watchdog Time Out Reset (WDT)
Low Voltage Reset (LVR)
Brown-Out Detected Reset (BOD)
CPU Reset
Software one shot Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com