công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3976 bảng dữ liệu(PDF) 1 Page - Allegro MicroSystems

tên linh kiện 3976
Giải thích chi tiết về linh kiện  DUAL FULL BRIDGE PROTECTED MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3976 bảng dữ liệu(HTML) 1 Page - Allegro MicroSystems

  3976 Datasheet HTML 1Page - Allegro MicroSystems 3976 Datasheet HTML 2Page - Allegro MicroSystems 3976 Datasheet HTML 3Page - Allegro MicroSystems 3976 Datasheet HTML 4Page - Allegro MicroSystems 3976 Datasheet HTML 5Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page
1 of 5
3976
The A3976 is designed to drive both windings of a bipolar stepper
motor or bidirectionally control two DC Motors. Both H-Bridges are capable
of continuous output currents of up to +/- 500 mA and operating voltages to
30V. Free wheeling, substrate isolated diodes are included for output transient
suppression when switching motors or other inductive loads. For each bridge
the PHASE input controls load current polarity by selecting the appropriate
source and sink driver pair. The ENABLE input, when held high, enables the
respective output H-bridge. When both ENABLE pins are held low the device
will enter SLEEP mode and consume less than 100
µA.
The 3976 is protected to ensure safe operation in harsh operating
environments and was designed specifically for automotive applications.
Protection circuitry will check for open or shorted load, motor lead short to
ground or supply, VBB overvoltage, VCC undervoltage, and thermal
shutdown. If any of these conditions are detected the outputs will be disabled
and fault information will be output to diagnostic pins FAULT1 and FAULT2.
The 3976 is supplied in a choice of two power packages, a 16-lead
plastic DIP with a copper batwing tab (suffix ‘B’), and a 24-lead plastic SOIC
with a copper batwing tab (suffix ‘LB’). In both cases, the power tab is at
ground potential and needs no electrical isolation.
FEATURES
n 30 V , ±500 mA Continuous Output Rating
n 35V Load Dump Survival
n Output Short Circuit Protection
n Coded Fault Diagnostic Outputs
n Low Current Standby Mode
n Open Load Monitor
n Low Current Standby Mode
n VBB Over Voltage Shutdown
n Internal Thermal Shutdown Circuitry
n Internal Low Parasitic Free Wheeling Diodes
n Crossover Current Protection
4
3
2
1
8
6
7
5
12
11
10
9
21
22
23
24
17
19
18
20
13
14
15
16
ENABLE1
V
BB
PHASE1
n/c
n/c
GROUND
GROUND
n/c
OUT1A
n/c
FAULT1
OUT1B
PHASE2
n/c
V
CC
ENABLE2
FAULT2
OUT2B
OUT2A
n/c
n/c
GROUND
n/c
GROUND
A3976KLB
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Operating Supply Voltage, VBB .................... 30 V
Non-Operating Supply Voltage..................... 35 V
Output Current, IOUT ............................±
±500 mA*
Logic Supply Voltage, VCC .......................... 7.0 V
Fault Output Voltage ................................... 7.0 V
Logic Input Voltage Range,
VIN.......................... -0.3 V to VCC + 0.3 V
Package Power Dissipation (TA = +25°C), PD
A3976KLB.................................. 2.2 W
A3976KB .................................... 2.9 W
Operating Temperature Range,
TA ..............................-40°°C to +125°°C
Junction Temperature, TJ ......................... +150°°C
Storage Temperature Range,
TS...............................-55°°C to +150°°C
* Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under any set of
conditions, do not exceed the specified current rating or a
junction temperature of 150
°C.
PART NUMBER
PACKAGE
RØJA
RØJT
A3976KLB
24 Lead SOIC
56
°°C/W
6
°°C/W
A3973KB
16 Lead DIP
43
°°C/W
6
°°C/W
ADVANCED DATASHEET - 02/19/99
(Subject to change without notice)
DUAL FULL BRIDGE
PROTECTED MOTOR DRIVER


Số phần tương tự - 3976

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SCHOTT CORPORATION
39761 SCHOTT-39761 Datasheet
38Kb / 1P
TRANSFORMER,ADSL
More results

Mô tả tương tự - 3976

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2998 ALLEGRO-2998 Datasheet
165Kb / 6P
DUAL FULL-BRIDGE MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
Dual Full Bridge Motor Driver
logo
Microchip Technology
MTS62C19A MICROCHIP-MTS62C19A Datasheet
395Kb / 20P
Dual Full-Bridge Motor Driver
11/29/12 2010-2013
MTS2916A MICROCHIP-MTS2916A Datasheet
387Kb / 20P
Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909_16 Datasheet
313Kb / 10P
Dual Full Bridge Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com