| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APA150 bảng dữ liệu(PDF) 6 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
APA150 bảng dữ liệu(HTML) 6 Page - Actel Corporation |
|
6 / 174 page ![]() ProASICPLUS Flash Family FPGAs 1- 2 v5.2 ProASICPLUS Architecture The proprietary ProASICPLUS architecture provides granularity comparable to gate arrays. The ProASICPLUS device core consists of a Sea-of-Tiles (Figure 1-1). Each tile can be configured as a three-input logic function (e.g., NAND gate, D-Flip-Flop, etc.) by programming the appropriate Flash switch interconnections (Figure 1-2 and Figure 1-3 on page 1-3). Tiles and larger functions are connected with any of the four levels of routing hierarchy. Flash switches are distributed throughout the device to provide nonvolatile, reconfigurable interconnect programming. Flash switches are programmed to connect signal lines to the appropriate logic cell inputs and outputs. Dedicated high-performance lines are connected as needed for fast, low-skew global signal distribution throughout the core. Maximum core utilization is possible for virtually any design. ProASICPLUS devices also contain embedded, two-port SRAM blocks with built-in FIFO/RAM control logic. Programming options include synchronous or asynchronous operation, two-port RAM configurations, user defined depth and width, and parity generation or checking. Please see the "Embedded Memory Configurations" section on page 1-22 for more information. Figure 1-1 • The ProASICPLUS Device Architecture Figure 1-2 • Flash Switch 256x9 Two-Port SRAM or FIFO Block Logic Tile 256x9 Two Port SRAM or FIFO Block RAM Block RAM Block I/Os Sensing Switching Switch In Switch Out Word Floating Gate |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |