công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCB0805 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện PCB0805
Giải thích chi tiết về linh kiện  This platinum temperature sensor on a printed circuit board has been specially designed for use in calorimetry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

PCB0805 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  PCB0805 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
We reserve the right to make alterations and technical data printed. All technical data serves as a guideline and does not guarantee
particular properties to any products.
Name of document: 30910046 Index B
Status: 06/2010
Platinum Resistance Temperature Detector
PCB 2225/ 2240 (0805)
This platinum temperature sensor on a printed circuit board has been specially designed for use in calorimetry. When
designing these sensors, the stringent requirements of this sector with regard to precision, long-term stability, cost
minimisation as well as the option for fully automatic further processing were of prime concern.
The temperature sensor in an SMD model forms the measurement active element on a PCB. The chip is connected with
the terminal faces via meandering circuit board conductors in order to reduce heat dissipation and to prevent corruption of
the measuring results. As a cable set sensor, it is suitable for a wide range of applications within a temperature range of
0°C to 150°C.
Nominal Resistance
R0
Tolerance
DIN EN 60751
1996-07
Tolerance
DIN EN 60751
2009-05
Ordner No.
Dimensions in mm
L +2.2
B
-0.2
-0.2
FC Type
100
Class B
F 0.3
30 201 075
22
2,5
0805
500
30 201 073
22
2,5
0805
1000
30 201 063
22
2,5
0805
100
30 201 071
22
4,0
0805
500
30 201 069
22
4,0
0805
1000
30 201 067
22
4,0
0805
Specification
DIN EN 60751
Tolerance classes
Class B
Temperature range
0°C to 150°C
Temperature coefficient
TC = 3850 ppm/K
Long-term stability
 0.1 K after 1000 h at 150°C (energized with
Pt 100: 1.0mA; Pt 500: 0.7mA; Pt 1000: 0.3mA)
Measuring current
100
: 0.3 to 1.0mA
500
: 0.1 to 0.7mA
1000
: 0.1 to 0.3mA
(self heating has to be considered)
Self-heating
Track Resistance
0.15 K/mW in ice water
Meander: 0.06
Temperature change resistance
 0.1 K after 1000 change 0°C/150°C in air
Contact
Cu connection pad with chem. Sn surface
Soldering
1)
Chip is soldered lead free
2)
Connection pads are ready for lead free soldering
Ambient conditions
Use unprotected only in dry environments
Response time
water (v= 0.4m/s):
t0,5 = 0.05s
t0,9 = 0.10s
air (v=2m/s):
t0,5 = 1.5s
t0,9 = 5.0s
Packaging
Supplied in plastic container
Storage life
12 months
Note
Other tolerances and values of resistance are available on request.
1901 Route 130
North Brunswick, NJ 08902
Phone 732-940-4400
Fax 732-940-4445
Email info.hst-us@heraeus.com
http://heraeus-sensor-technology-us.com
Heraeus Sensor Technology USA


Số phần tương tự - PCB0805

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
PCB01CM24 ETC2-PCB01CM24 Datasheet
110Kb / 3P
Timers Asymmetrical Recycler
logo
Carlo Gavazzi Holding A...
PCB01CM24 CARLOGAVAZZI-PCB01CM24 Datasheet
112Kb / 3P
Timers Asymmetrical Recycler
logo
List of Unclassifed Man...
PCB01DM24 ETC2-PCB01DM24 Datasheet
110Kb / 3P
Timers Asymmetrical Recycler
More results

Mô tả tương tự - PCB0805

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
PCB1325 ETC2-PCB1325 Datasheet
151Kb / 1P
This platinum temperature sensor on a printed circuit board has been specially designed for use in calorimetry
logo
STMicroelectronics
AN4118 STMICROELECTRONICS-AN4118 Datasheet
1Mb / 13P
This document describes APWLink which has been designed
16-Oct-2012
logo
MICORO CRYSTAL SWITZERL...
MCSO2E MICROCRYSTAL-MCSO2E Datasheet
346Kb / 2P
This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
VCXO2E MICROCRYSTAL-VCXO2E Datasheet
338Kb / 2P
This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
logo
Vishay Siliconix
10ETF VISHAY-10ETF Datasheet
197Kb / 7P
This product series has been designed and qualified for industrial level
04-Jun-08
10ETSS VISHAY-10ETSS Datasheet
112Kb / 6P
This product series has been designed and qualified for industrial level
26-Aug-08
logo
PHOENIX CONTACT
ELR1 PHOENIX-ELR1 Datasheet
136Kb / 4P
This product has been replaced by a newer version.
EMG45-IR1 PHOENIX-EMG45-IR1 Datasheet
115Kb / 4P
This product has been replaced by a newer version.
REL-KSR-G24 PHOENIX-REL-KSR-G24 Datasheet
103Kb / 3P
This product has been replaced by a newer version.
CRIMPFOX-25 PHOENIX-CRIMPFOX-25 Datasheet
74Kb / 2P
This product has been replaced by a newer version.
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com