| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE206X bảng dữ liệu(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE206X bảng dữ liệu(HTML) 64 Page - Texas Instruments |
|
64 / 83 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-Oct-2013 Addendum-Page 6 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TLE2062CDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2062C TLE2062CP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type TLE2062CP TLE2062CPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type TLE2062CP TLE2062CPSR OBSOLETE SO PS 8 TBD Call TI Call TI TLE2062ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2062I TLE2062IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2062I TLE2062IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2062I TLE2062IDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2062I TLE2062IP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type TLE2062IP TLE2062IPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type TLE2062IP TLE2062MD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 2062M TLE2062MDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2062M TLE2062MFKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 9080801M2A TLE2062MFKB TLE2062MJG ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 TLE2062MJG TLE2062MJGB ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 9080801MPA TLE2062M TLE2062MP OBSOLETE PDIP P 8 TBD Call TI Call TI -55 to 125 TLE2062MUB ACTIVE CFP U 10 1 TBD A42 N / A for Pkg Type -55 to 125 9080801MHA TLE2062M TLE2064ACD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2064AC |