| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE206X bảng dữ liệu(PDF) 65 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE206X bảng dữ liệu(HTML) 65 Page - Texas Instruments |
|
65 / 83 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-Oct-2013 Addendum-Page 7 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TLE2064ACDG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2064AC TLE2064ACDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2064AC TLE2064ACDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2064AC TLE2064ACN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type TLE2064ACN TLE2064ACNE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type TLE2064ACN TLE2064AID ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2064AI TLE2064AIDG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2064AI TLE2064AIDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2064AI TLE2064AIDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2064AI TLE2064AIN OBSOLETE PDIP N 14 TBD Call TI Call TI TLE2064AMD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 2064AM TLE2064AMDG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2064AM TLE2064AMDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 2064AM TLE2064AMDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 2064AM TLE2064AMFKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 9080902M2A TLE2064A MFKB TLE2064AMJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 TLE2064AMJ TLE2064AMJB ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9080902MC A TLE2064AMJB TLE2064AMN OBSOLETE PDIP N 14 TBD Call TI Call TI -55 to 125 |