| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2680EMLSQTP bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680EMLSQTP bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 17 PIC18F2585/2680/4585/4680 PORTA is a bidirectional I/O port. RA0/AN0/CVREF RA0 AN0 CVREF 219 19 I/O I O TTL Analog Analog Digital I/O. Analog input 0. Analog comparator reference output. RA1/AN1 RA1 AN1 320 20 I/O I TTL Analog Digital I/O. Analog input 1. RA2/AN2/VREF- RA2 AN2 VREF- 421 21 I/O I I TTL Analog Analog Digital I/O. Analog input 2. A/D reference voltage (low) input. RA3/AN3/VREF+ RA3 AN3 VREF+ 522 22 I/O I I TTL Analog Analog Digital I/O. Analog input 3. A/D reference voltage (high) input. RA4/T0CKI RA4 T0CKI 623 23 I/O I TTL ST Digital I/O. Timer0 external clock input. RA5/AN4/SS/HLVDIN RA5 AN4 SS HLVDIN 724 24 I/O I I I TTL Analog TTL Analog Digital I/O. Analog input 4. SPI slave select input. High/Low-Voltage Detect input. RA6 See the OSC2/CLKO/RA6 pin. RA7 See the OSC1/CLKI/RA7 pin. TABLE 1-3: PIC18F4585/4680 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP QFN TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power |