| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2680ESOSQTP bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680ESOSQTP bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 9 PIC18F2585/2680/4585/4680 TABLE 1-1: DEVICE FEATURES Features PIC18F2585 PIC18F2680 PIC18F4585 PIC18F4680 Operating Frequency DC – 40 MHz DC – 40 MHz DC – 40 MHz DC – 40 MHz Program Memory (Bytes) 49152 65536 49152 65536 Program Memory (Instructions) 24576 32768 24576 32768 Data Memory (Bytes) 3328 3328 3328 3328 Data EEPROM Memory (Bytes) 1024 1024 1024 1024 Interrupt Sources 19 19 20 20 I/O Ports Ports A, B, C, (E) Ports A, B, C, (E) Ports A, B, C, D, E Ports A, B, C, D, E Timers 4 4 4 4 Capture/Compare/PWM Modules 1 1 1 1 Enhanced Capture/ Compare/PWM Modules 00 1 1 ECAN Module 1 1 1 1 Serial Communications MSSP, Enhanced USART MSSP, Enhanced USART MSSP, Enhanced USART MSSP, Enhanced USART Parallel Communications (PSP) No No Yes Yes 10-bit Analog-to-Digital Module 8 Input Channels 8 Input Channels 11 Input Channels 11 Input Channels Comparators 0 0 2 2 Resets (and Delays) POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT POR, BOR, RESET Instruction, Stack Full, Stack Underflow (PWRT, OST), MCLR (optional), WDT Programmable High/Low-Voltage Detect Yes Yes Yes Yes Programmable Brown-out Reset Yes Yes Yes Yes Instruction Set 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled 75 Instructions; 83 with Extended Instruction Set enabled Packages 28-pin PDIP 28-pin SOIC 28-pin PDIP 28-pin SOIC 40-pin PDIP 44-pin QFN 44-pin TQFP 40-pin PDIP 44-pin QFN 44-pin TQFP |