| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM385 bảng dữ liệu(PDF) 76 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 bảng dữ liệu(HTML) 76 Page - Texas Instruments |
|
76 / 280 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com 3.3.9 General-Purpose Input/Outputs (GPIOs) 3.3.9.1 GP0 Table 3-21. GP0 Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] GP0[0] Interrupt-Capable General-Purpose Input/Output (I/O) I/O Y29 GP0[1] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AB30 GP0[2] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AA29 GP0[3] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AA28 GP0[4] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AA26 GP0[5] Interrupt-Capable General-Purpose Input/Output (I/O) I/O Y31 GP0[6] Interrupt-Capable General-Purpose Input/Output (I/O) I/O Y30 GP0[7] Interrupt-Capable General-Purpose Input/Output (I/O) I/O K23 GP0[8] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AF27 GP0[9] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AG30 GP0[10] Interrupt-Capable General-Purpose Input/Output (I/O) I/O K11 GP0[11] Interrupt-Capable General-Purpose Input/Output (I/O) I/O E12 GP0[12] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AB31, K10 GP0[13] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AC30, D7 GP0[14] Interrupt-Capable General-Purpose Input/Output (I/O) I/O F9 GP0[15] Interrupt-Capable General-Purpose Input/Output (I/O) I/O C7 GP0[16] Interrupt-Capable General-Purpose Input/Output (I/O) I/O A6 GP0[17] Interrupt-Capable General-Purpose Input/Output (I/O) I/O A5 GP0[18] Interrupt-Capable General-Purpose Input/Output (I/O) I/O B5 GP0[19] Interrupt-Capable General-Purpose Input/Output (I/O) I/O C5 GP0[20] Interrupt-Capable General-Purpose Input/Output (I/O) I/O B4 GP0[21] Interrupt-Capable General-Purpose Input/Output (I/O) I/O A3 GP0[22] Interrupt-Capable General-Purpose Input/Output (I/O) I/O A2 GP0[23] Interrupt-Capable General-Purpose Input/Output (I/O) I/O B2 GP0[24] Interrupt-Capable General-Purpose Input/Output (I/O) I/O C1 GP0[25] Interrupt-Capable General-Purpose Input/Output (I/O) I/O C2 GP0[26] Interrupt-Capable General-Purpose Input/Output (I/O) I/O D5 GP0[27] Interrupt-Capable General-Purpose Input/Output (I/O) I/O H9 GP0[28] Interrupt-Capable General-Purpose Input/Output (I/O) I/O J10 3.3.9.2 GP1 Table 3-22. GP1 Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] GP1[0] Interrupt-Capable General-Purpose Input/Output (I/O) I/O M21 GP1[1] Interrupt-Capable General-Purpose Input/Output (I/O) I/O L22 GP1[2] Interrupt-Capable General-Purpose Input/Output (I/O) I/O E31 GP1[3] Interrupt-Capable General-Purpose Input/Output (I/O) I/O E29 GP1[4] Interrupt-Capable General-Purpose Input/Output (I/O) I/O E30 GP1[5] Interrupt-Capable General-Purpose Input/Output (I/O) I/O N26 GP1[6] Interrupt-Capable General-Purpose Input/Output (I/O) I/O G28 GP1[7] Interrupt-Capable General-Purpose Input/Output (I/O) I/O U28 GP1[8] Interrupt-Capable General-Purpose Input/Output (I/O) I/O AG6 GP1[9] Interrupt-Capable General-Purpose Input/Output (I/O) I/O H12 76 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |