| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM383 bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM383 bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 267 page ![]() DM383 www.ti.com SPRS870B – APRIL 2013 – REVISED DECEMBER 2013 Table 3-11. Ball Characteristics (AAR Package) (continued) BALL PINCNTL PINCNTL BALL MODE RESET BUFFER BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] REGISTER NAME DEFAULT TYPE [7] DSIS [8] RESET POWER [11] HYS [12] [6] REL. TYPE [13] AND ADDRESS[4] VALUE[5] STATE [9] STATE [10] AG2 GP1[11] GP1[11] PINCNTL233 / 0x000E 0000 0x80 I/O PIN H H DVDD_RGMII 0x4814 0BA0 AG3 GP1[12] GP1[12] PINCNTL234 / 0x000E 0000 0x80 I/O PIN H H DVDD_RGMII 0x4814 0BA4 AK4 GPMC_A[1] GPMC_A[1] PINCNTL244 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BCC AJ4 GPMC_A[2] GPMC_A[2] PINCNTL245 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BD0 AL5 GPMC_A[3] GPMC_A[3] PINCNTL246 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BD4 AK5 GPMC_A[4] GPMC_A[4] PINCNTL247 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BD8 SPI[2]_SCS[3] 0x20 I/O 1 AJ6 GPMC_A[5] GPMC_A[5] PINCNTL248 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BDC SPI[2]_SCLK 0x20 I/O 1 AL6 GPMC_A[6] GPMC_A[6] PINCNTL249 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BE0 SPI[2]_D[1] 0x20 I/O PIN AK6 GPMC_A[7] GPMC_A[7] PINCNTL250 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BE4 SPI[2]_D[0] 0x20 I/O PIN AJ7 GPMC_A[8] GPMC_A[8] PINCNTL251 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BE8 AK7 GPMC_A[9] GPMC_A[9] PINCNTL252 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BEC AE4 GPMC_A[10] GPMC_A[10] PINCNTL253 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BF0 AK8 GPMC_A[11] GPMC_A[11] PINCNTL254 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BF4 AJ8 GPMC_A[12] GPMC_A[12] PINCNTL255 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BF8 UART1_RXD 0x20 I 1 AH8 GPMC_A[13] GPMC_A[13] PINCNTL256 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0BFC UART1_TXD 0x20 O PIN AG8 GPMC_A[14] GPMC_A[14] PINCNTL257 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0C00 UART1_CTS 0x20 I/O 1 AF8 GPMC_A[15] GPMC_A[15] PINCNTL258 / 0x0004 0000 0x10 O PIN L L DVDD_RGMII 0x4814 0C04 UART1_RTS 0x20 O PIN M1 GPMC_A[16] GPMC_A[16] PINCNTL105 / 0x0004 0000 0x01 O PIN L L DVDD_GPMC 0x4814 09A0 GP2[5] 0x80 I/O PIN M2 GPMC_A[17] GPMC_A[17] PINCNTL106 / 0x0004 0000 0x01 O PIN L L DVDD_GPMC 0x4814 09A4 GP2[6] 0x80 I/O PIN M3 GPMC_A[18] GPMC_A[18] PINCNTL107 / 0x0004 0000 0x01 O PIN L L DVDD_GPMC 0x4814 09A8 TIM2_IO 0x40 I/O PIN GP1[13] 0x80 I/O PIN Copyright © 2013, Texas Instruments Incorporated Device Pins 39 Submit Documentation Feedback Product Folder Links: DM383 |